Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2005ESF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG2005ESF
Description  20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2005ESF Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG2005ESF_15 Datasheet HTML 1Page - NXP Semiconductors PMEG2005ESF_15 Datasheet HTML 2Page - NXP Semiconductors PMEG2005ESF_15 Datasheet HTML 3Page - NXP Semiconductors PMEG2005ESF_15 Datasheet HTML 4Page - NXP Semiconductors PMEG2005ESF_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2005ESF_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2005ESF_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2005ESF_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2005ESF_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NXP Semiconductors
PMEG2005ESF
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG2005ESF
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
13 February 2015
2 / 14
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
K
cathode[1]
2
A
anode
Transparent
top view
2
1
DSN0603-2 (SOD962-2)
sym001
1
2
[1] The marking bar indicates the cathode.
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMEG2005ESF
DSN0603-2
Leadless ultra small package; 2 terminals; body 0.6 x 0.3 x 0.3
mm
SOD962-2
7. Marking
Table 4.
Marking codes
Type number
Marking code
PMEG2005ESF
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com