Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5232EEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5232EEE
Description  3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5232EEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5232EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5232EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5232EEE Datasheet HTML 9Page - Maxim Integrated Products MAX5232EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5232EEE Datasheet HTML 11Page - Maxim Integrated Products MAX5232EEE Datasheet HTML 12Page - Maxim Integrated Products MAX5232EEE Datasheet HTML 13Page - Maxim Integrated Products MAX5232EEE Datasheet HTML 14Page - Maxim Integrated Products MAX5232EEE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Detailed Description
The MAX5232/MAX5233 10-bit, voltage-output DACs
are easily configured with a 3-wire SPI-, QSPI-,
MICROWIRE-compatible serial interface. The devices
include a 16-bit data-in/data-out shift register and have
an input consisting of an input register and a DAC reg-
ister. In addition, these devices employ precision
trimmed internal resistors to produce a gain of
1.6384V/V, maximizing the output voltage swing, and a
programmable-shutdown output impedance of 1k
Ω or
200k
Ω The full-scale output voltage is 4.092V for the
MAX5233 and 2.046V for the MAX5232. These devices
produce a weighted output voltage proportional to the
digital input code with an inverted Rail-to-Rail® ladder
network (Figure 3).
Internal Reference
The MAX5230/MAX5231 use an on-board precision
bandgap reference to generate an output voltage of
1.234V (MAX5232) or 2.465V (MAX5233). With a low
temperature coefficient of only 10ppm/°C, REF can
source up to 100µA and is stable for capacitive loads
less than 200pF.
Output Amplifiers
The output amplifiers have internal resistors that pro-
vide for a gain of 1.6384V/V when OS_ is connected to
AGND. The output amplifiers have a typical slew rate of
0.6V/µs and settle to 1/2LSB within 10µs with a load of
5k
Ω in parallel with 100pF. Use the serial interface to
set the shutdown output impedance of the amplifiers to
1k
Ω or 200kΩ.
OS_ can be used to produce an offset voltage at the
output. For instance, to achieve a 1V offset, apply -1V
to OS_ to produce an output range from 1V to (1V +
VFS/VREF). Note that the DAC’s output range is still lim-
ited by the maximum output voltage specification.
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
______________________________________________________________________________________
11
CS
SCLK
DIN
DOUT
tCSW
tCS1
tCSH
tCSS
tCSO
tD02
tCH
tCL
tCP
tD01
tDS
tDH
tLDL
LDAC
tCSLD
Figure 2. Detailed Serial Interface Timing
OUT_
OS_
SHOWN FOR ALL ONES ON DAC
D9
D8
D7
D0
2R
121k
Ω
77.25k
Ω
1k
Ω
2R
2R
2R
2R
RR
R
REF
AGND
Figure 3. Simplified DAC Circuit Diagram
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com