Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5258EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5258EEE
Description  3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5258EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5258EEE Datasheet HTML 1Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 2Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
+3V/+5V, Low-Power, 8-Bit Octal DAC
with Rail-to-Rail Output Buffers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS (MAX5258)
(VDD = +4.5V to +5.5V, VREF = +4.096V, GND = 0, RL = 10k
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at VDD = +5V and TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
DIN, DOUT, CS, SCLK, LDAC to GND.....................-0.3V to +6V
REF to GND ................................................-0.3V to (VDD + 0.3V)
OUT_ to GND ...........................................................-0.3V to VDD
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
16-Pin Plastic QSOP (derate 8.3mW/°C about +70°C)...667mW
Operating Temperature Range ..........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC ACCURACY
Resolution
8
Bits
Integral Nonlinearity (Note 1)
INL
±0.1
±1
LSB
Differential Nonlinearity (Note 1)
DNL
Guaranteed monotonic (all codes)
±0.05
±1
LSB
Zero-Code Error
ZCE
Code = 0A hex
±2.5
±20
mV
Zero-Code Error Supply
Rejection
Code = 0A hex
0.02
1
LSB
Zero-Code Temperature
Coefficient
Code = 0A hex
±10
µV/oC
Full-Scale Error
Code = FF hex
±1
±30
mV
Full-Scale Error Supply Rejection
Code = FF hex
0.25
1
LSB
Full-Scale Temperature
Coefficient
Code = FF hex
±10
µV/oC
REFERENCE INPUTS
Input Voltage Range
0
VDD
V
Input Resistance
161
230
300
k
Ω
Input Capacitance
20
pF
DAC OUTPUTS
Output Voltage Swing
R
L = 10k
Ω to GND
0
VDD -
0.3
V
Output Voltage Range
R
L = 10k
Ω to GND
0
VREF
V
DIGITAL INPUTS
Input High Voltage
VIH
0.7 ✕
VDD
V
Input Low Voltage
VIL
0.3 ✕
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com