Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPR-13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LPR-13
Description  LPR Router Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPR-13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LPR-13 Datasheet HTML 1Page - List of Unclassifed Manufacturers LPR-13 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LonPoint® Modules
The LonPoint Modules are products designed to integrate
new and legacy sensors and actuators, as well as LONMARK
®
devices, into cost-effective, interoperable, control systems for
building and industrial applications. In contrast to traditional
control networks, which use closed islands of control linked
with proprietary gateways, the LonPoint Modules offer an open
distributed system architecture in which every device performs
some control processing and can be accessed from any location
in the network. Distributing the processing throughout the
network and providing open access to every device lowers the
overall installation and life cycle costs, increases reliability by
minimizing single points of failure, and provides the flexibility
to adapt the system to a wide variety of applications.
The system consists of the LonPoint Interface, Scheduler,
Data Logger, Router Modules, LonPoint Application Programs,
LNS® based LonMaker® Integration Tool, LonPoint Plug-In
and LNS DDE Server. The LPR Router Modules may be used
with a LonPoint System or as part of any LONWORKS network.
LPR-10 Modules
The LPR Modules are two-channel LONWORKS
(ANSI/EIA-709.1) routers that can interface two different
twisted pair channels (e.g., a high speed 1.25Mbps TP/XF-
1250 backbone and a TP/FT-10 free topology channel), manage
network traffic, increase the total number of LONWORKS
devices, or increase the amount of cabling in a system.
LPR Routers can be installed as repeaters, configured
routers, or learning routers.
Models 42100R, 42101R, 42102R, 42103R, 42104R, and
42105R are compliant with the European Directive
2002/95/EC on the restriction of the use of certain hazardous
substances (RoHS) in electrical and electronic equipment.
Using the LonMaker tool, the user configures and commis-
sions the LPR Routers and other LonPoint modules, as well as
third-party LONMARK and LONWORKS devices, to create an
interoperable, distributed control system. Network design and
configuration is simplified by the Visio
® interface of the
LonMaker tool, which can both import and export AutoCAD
®
files and generate as-built documentation.
A unique, two-piece design allows pre-wiring and cable
testing by an electrician prior to installation of the electronics;
technician time can be reserved for tasks such as node configu-
ration. Power and network wiring are “looped” through the
base plate, providing the ability to replace modules by hot-
plugging without disrupting the operation of the two network
channels.
LPR Router Modules
Models 42100R, 42101R, 42102R, 42103R, 42104R, and 42105R
LonPoint Interface
Model and Software
Revision
LPR MODEL 42100˚˚ID NUMBER
MODEL 42100 972
SW VERSION 1 .0
ID NUMBER
LPR
LISTED 178K
ENERGY MANAGEMENT
EQUIPMENT SUBASMBLY
C U
L US
LPR MODEL 42100˚˚ID NUMBER
UL
Service
Switch
Service
LEDs
Network A
Network B
Power LED:
Power On: Illuminated
Continuously
Peel-Off Code 39
Format Bar Code of
LonPoint Interface
Neuron Chip ID
Number
Network Access Jacks; use
with Echelon PCC-10 Cable
Model 78303
Packet Activity LED
Router Transferring
Packets: Flashing
Network A
Network B
M
Router for TP/FT-10, TP/XF-78, and TP/XF-1250
LONWORKS® (ANSI/CEA-709.1) channels
M
Screw terminal wiring connections
M
16-30VAC or VDC operation
M
Network access from front panel jacks
M
Two-piece design cuts installation time, cost
M
U.L. Listed, cU.L. Listed, CE Mark, FCC
Six different models of LPR Routers are available:
Name
Model
Channel Types
LPR-10
42100R
TP/FT-10 to TP/FT-10
LPR-11
42101R
TP/FT-10 to TP/XF-78
LPR-12
42102R
TP/FT-10 to TP/XF-1250
LPR-13
42103R
TP/XF-78 to TP/XF-78
LPR-14
42104R
TP/XF-78 to TP/XF-1250
LPR-15
42105R
TP/XF-1250 to TP/XF-1250


Similar Part No. - LPR-13

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
LPR-530DWC1SA JDSU-LPR-530DWC1SA Datasheet
139Kb / 3P
WaveReady??3000 Series Path and Equipment Protection Switch
More results

Similar Description - LPR-13

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702528 PHOENIX-2702528 Datasheet
71Kb / 4P
Router - TC ROUTER 3002T-4G
2702532 PHOENIX-2702532 Datasheet
78Kb / 5P
Router - TC ROUTER 3002T-4G VZW
2702533 PHOENIX-2702533 Datasheet
78Kb / 5P
Router - TC ROUTER 3002T-4G ATT
2314008 PHOENIX-2314008 Datasheet
213Kb / 14P
Router - PSI-MODEM-3G/ROUTER
09/12/2020
2702531 PHOENIX-2702531 Datasheet
235Kb / 14P
Router - TC ROUTER 2002T-3G
09/12/2020
1234352 PHOENIX-1234352 Datasheet
2Mb / 21P
Router - TC ROUTER 4002T-4G EU
Nov 16, 2022
1234354 PHOENIX-1234354 Datasheet
5Mb / 27P
Router - TC ROUTER 4202T-4G EU WLAN
Nov 16, 2022
1234353 PHOENIX-1234353 Datasheet
6Mb / 28P
Router - TC ROUTER 4102T-4G EU WLAN
Dec 2, 2022
logo
Advantech Co., Ltd.
WISE-3200 ADVANTECH-WISE-3200 Datasheet
169Kb / 2P
IoT Router
22-Feb-2021
logo
TELTONIKA NETWORKS.
RUT300 TELTONIKA-RUT300 Datasheet
983Kb / 13P
ETHERNET ROUTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com