Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7260 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 7260
Description  i.LON짰 600 LONWORKS짰/IP Server
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7260 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  7260 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7260 Datasheet HTML 2Page - List of Unclassifed Manufacturers 7260 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Peer-to-Peer and Master-Slave Support
The i.LON 600 LONWORKS/IP Server supports both peer-
to-peer and master-slave networks, allowing remotely located
devices to communicate over IP networks as if they were
co-located. Devices on different floors of a building, scattered
across different manufacturing pods, or located in retail
branches around the world can be seamlessly and transparently
linked together – and connected to far-flung corporate data and
ERP networks.
Network Installation
The i.LON 600 LONWORKS/IP Server is installed using
standard LONWORKS installation tools such as the LonMaker
Integration Tool. For pre-configured LONWORKS installations,
the i.LON 600 LONWORKS/IP Server can be self-installed by
setting parameters on a set-up web page. Whether part of
an engineered or pre-configured system, the i.LON 600
LONWORKS/IP Server is the ideal means to connect everyday
devices through an IP-based network.
IT Manager Friendly
The i.LON 600 LONWORKS/IP Server behaves like a typical
IP host from the perspective of the IT network to which it is
connected. Like other IP hosts, the i.LON 600 LONWORKS/IP
Server supports standard internetworking protocols including
TCP/IP, DHCP, ICMP, SNTP, MD5, HTTP, and FTP.
Adjustable packet aggregation and bandwidth utilization para-
meters ensure that the i.LON 600 LONWORKS/IP Server is a
“good citizen” on the IP network. These parameters, as well as
addressing and security functions can all be adjusted via the IP
network.
Power Supply and Enclosure
Two power supply options enable the i.LON 600
LONWORKS/IP Server to operate from 90V -240V AC or DC,
or as a safety-agency approved low-voltage 24V AC or DC
device. The fully-isolated high-voltage power supply allows
Line-to-Line or Line-to-Neutral connections across the entire
voltage range.
The low-voltage option provides a number of unique
advantages:
M Powering the server from a 24VDC rechargeable power
supply permits non-stop operation in the event of a
power failure.
M Supporting both 24VAC or DC input power permits the
use of a wide range of power supplies including both
plug-in and hard-wired options.
M Eliminating high voltage wiring can reduce wiring
costs and eliminate the need for an insulated, protective
enclosure.
The i.LON 600 LONWORKS/IP Server is supplied in a
compact 8T DIN package manufactured from flame-resistant
plastic, and is suitable for mounting to a 35mm DIN rail.
Screw terminals simplify power and LonTalk channel wiring
connections, while an array of front panel status LEDs provide
valuable information about the status of the server.
Specifications
Minimum PC Requirements
for Configuration Server Software
Pentium II @ 600 MHz, 128KB RAM, 10MB free disk space
Processor
AMD Au1000 32-bit RISC
Channel Type
TP/FT-10 (Models 72601 & 72603)
TP/XF-1250 (Models 72602 & 72604)
LONWORKS Twisted Pair Connector
Screw Terminals
Ethernet Port
10/100 BaseT, auto-selecting, auto polarity
Ethernet Connector
RJ-45
Console Interface
EIA-232, 9600 baud (8 data bits, no parity, 1 stop bit)
Console Connector
DB-9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com