Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX533 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX533
Description  2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX533 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX533 Datasheet HTML 8Page - Maxim Integrated Products MAX533 Datasheet HTML 9Page - Maxim Integrated Products MAX533 Datasheet HTML 10Page - Maxim Integrated Products MAX533 Datasheet HTML 11Page - Maxim Integrated Products MAX533 Datasheet HTML 12Page - Maxim Integrated Products MAX533 Datasheet HTML 13Page - Maxim Integrated Products MAX533 Datasheet HTML 14Page - Maxim Integrated Products MAX533 Datasheet HTML 15Page - Maxim Integrated Products MAX533 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2.7V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers
______________________________________________________________________________________
13
CS
LDAC
SCLK
DIN
MAX533
CS
LDAC
SCLK
DIN
MAX533
CS
LDAC
SCLK
DIN
MAX533
TO OTHER
SERIAL
DEVICES
DIN
SCLK
LDAC
CS1
CS2
CS3
Figure 7. Multiple MAX533s sharing one DIN line. Simultaneously update by strobing
LDAC, or specifically update by enabling an
individual
CS.
Output Buffer Amplifiers
All MAX533 voltage outputs are internally buffered by
precision unity-gain followers that slew at about
0.6V/µs. The outputs can swing from GND to VDD. With
a 0V to +2.5V (or +2.5V to 0V) output transition, the
amplifier outputs will typically settle to 1/2LSB in 6µs
when loaded with 10k
Ω in parallel with 100pF.
The buffer amplifiers are stable with any combination of
resistive (
≥10kΩ) or capacitive loads.
__________Applications Information
DAC Linearity and Voltage Offset
The output buffer can have a negative input offset volt-
age that would normally drive the output negative, but
since there is no negative supply the output stays at 0V
(Figure 9). When linearity is determined using the end-
point method, it is measured between zero code (all
inputs 0) and full-scale code (all inputs 1) after offset
and gain error are calibrated out. However, in single-
supply operation the next code after zero may not
change the output (Figure 9), so the lowest code that
produces a positive output is the lower endpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com