Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLTA-21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCLTA-21
Description  PCLTA-21 PCI Network Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCLTA-21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCLTA-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers PCLTA-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers PCLTA-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
www.echelon.com
PCLTA-21 PCI Network Adapter
Models 74501, 74502, 74503, 74504,
74501R, 74502R, 74503R, and 74504R
Features
• Universal 32-bit PCI adapter card for LonWorks® networks for PCs
with 3.3V or 5V PCI
• Plug-and-play network driver compatible with Microsoft Windows®
98/2000 and Windows XP / Server 2003
• Downloadable firmware allows updates without accessing or
changing hardware
• Integral FT 3150® Free Topology Smart Transceiver, RS-485, TPT/XF-78,
or TPT/XF-1250 transceiver
• LNS® Network Services Interface (NSI) supports LNS applications
• Layer 5 MIP for use with OpenLDV™ driver
• CE Mark, U.L. Listed, cU.L. Listed
Description
The PCLTA-21 Network Adapter is a high-performance LonWorks interface for personal
computers equipped with a 3.3V or 5V 32-bit Peripheral Component Interconnect (PCI)
interface and a compatible operating system. Designed for use in LonWorks control
networks that require a PC for monitoring,
managing, or diagnosing the network, the PCLTA-21 adapter is ideal for industrial control,
building automation, and process control applications. The PCLTA-21 adapter features an
integral twisted pair transceiver, downloadable memory, a network management interface,
and plug-and-play capability with Microsoft Windows 98/2000 and Windows XP.
Models 74501R, 74502R, 74503R, and 74504R are compliant with the European Directive
2002/95/EC on the restriction of the use of certain hazardous substances (RoHS) in
electrical and electronic equipment.
The PCLTA-21 adapter provides both LNS network services interface (NSI) functionality
for use with LNS tools, and Microprocessor Interface Program (MIP)-compatible network
interface functionality for use with LonManager® API-based tools or OpenLDV drivers.
Installation software is included with each PCLTA-21 adapter or may be downloaded from
the Download Center of the Echelon web site. The software includes a control panel and
driver for Microsoft Windows 98/2000 and Windows XP. The control panel provides a
convenient means of setting and modifying installation parameters, diagnosing card
operation, and displaying error messages. The adapter supports plug-and-play operation,
simplifying installation.
The NSI mode of the PCLTA-21 adapter is used with applications based on the LNS
network operating system such as the LonMaker Tool, or the LNS DDE Server.


Similar Part No. - PCLTA-21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PCLT-2A STMICROELECTRONICS-PCLT-2A Datasheet
569Kb / 18P
Dual current limited over-voltage protected digital termination
16-Nov-2005
PCLT-2AT4 STMICROELECTRONICS-PCLT-2AT4 Datasheet
569Kb / 18P
Dual current limited over-voltage protected digital termination
16-Nov-2005
PCLT-2AT4-TR STMICROELECTRONICS-PCLT-2AT4-TR Datasheet
569Kb / 18P
Dual current limited over-voltage protected digital termination
16-Nov-2005
More results

Similar Description - PCLTA-21

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CL-PD6833 CIRRUS-CL-PD6833 Datasheet
1Mb / 216P
PCI-to-CardBus Host Adapter
logo
Axiomtek Co., Ltd.
CEM850 AXIOMTEK-CEM850 Datasheet
220Kb / 1P
21 lanes of PCI Express
logo
Microchip Technology
70353C MICROCHIP-70353C Datasheet
1Mb / 76P
Section 21. Enhanced Controller Area Network
11/29/11
logo
Level One
FNC-0105 LVL1-FNC-0105 Datasheet
426Kb / 3P
Fast Ethernet Fiber PCI Network Card
GNC-0100 LVL1-GNC-0100 Datasheet
367Kb / 3P
Gigabit Fiber PCI Network Card, SFP
USB-0401 LVL1-USB-0401 Datasheet
460Kb / 3P
Gigabit USB Network Adapter
logo
Axiomtek Co., Ltd.
CEM850 AXIOMTEK-CEM850_14 Datasheet
304Kb / 1P
21 lanes of PCI Express
logo
Silicom Ltd.
PE2G4I80 SILICOM-PE2G4I80 Datasheet
431Kb / 5P
Quad Port Copper Gigabit Ethernet PCI Express Network Server Adapter
logo
TP-Link Technologies Co...
TG-3468 TP-LINK-TG-3468 Datasheet
453Kb / 2P
Gigabit PCI Express Network Adapter
logo
List of Unclassifed Man...
DGE-560T ETC1-DGE-560T Datasheet
428Kb / 2P
PCI Express Gigabit Ethernet Network Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com