Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX533AEEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX533AEEE
Description  2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX533AEEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX533AEEE Datasheet HTML 8Page - Maxim Integrated Products MAX533AEEE Datasheet HTML 9Page - Maxim Integrated Products MAX533AEEE Datasheet HTML 10Page - Maxim Integrated Products MAX533AEEE Datasheet HTML 11Page - Maxim Integrated Products MAX533AEEE Datasheet HTML 12Page - Maxim Integrated Products MAX533AEEE Datasheet HTML 13Page - Maxim Integrated Products MAX533AEEE Datasheet HTML 14Page - Maxim Integrated Products MAX533AEEE Datasheet HTML 15Page - Maxim Integrated Products MAX533AEEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
2.7V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
___________________Chip Information
________________________________________________________Package Information
TRANSISTOR COUNT: 6821
DIM
A
A1
A2
B
C
D
E
e
H
h
L
N
S
α
MIN
0.061
0.004
0.055
0.008
0.0075
0.150
0.230
0.010
0.016
0°
MAX
0.068
0.0098
0.061
0.012
0.0098
0.157
0.244
0.016
0.035
8°
MIN
1.55
0.127
1.40
0.20
0.19
3.81
5.84
0.25
0.41
0°
MAX
1.73
0.25
1.55
0.31
0.25
3.99
6.20
0.41
0.89
8°
INCHES
MILLIMETERS
21-0055A
QSOP
QUARTER
SMALL-OUTLINE
PACKAGE
DIM
D
S
D
S
D
S
D
S
MIN
0.189
0.0020
0.337
0.0500
0.337
0.0250
0.386
0.0250
MAX
0.196
0.0070
0.344
0.0550
0.344
0.0300
0.393
0.0300
MIN
4.80
0.05
8.56
1.27
8.56
0.64
9.80
0.64
MAX
4.98
0.18
8.74
1.40
8.74
0.76
9.98
0.76
INCHES
MILLIMETERS
PINS
16
16
20
20
24
24
28
28
L
α
H
A2
E
E
D
e
A
A1
C
B
S
N
h x 45°
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
0.635 BSC
0.25 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com