Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2592RGVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CC2592RGVR
Description  CC2592 2.4-GHz Range Extender
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2592RGVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2592RGVR Datasheet HTML 4Page - Texas Instruments CC2592RGVR Datasheet HTML 5Page - Texas Instruments CC2592RGVR Datasheet HTML 6Page - Texas Instruments CC2592RGVR Datasheet HTML 7Page - Texas Instruments CC2592RGVR Datasheet HTML 8Page - Texas Instruments CC2592RGVR Datasheet HTML 9Page - Texas Instruments CC2592RGVR Datasheet HTML 10Page - Texas Instruments CC2592RGVR Datasheet HTML 11Page - Texas Instruments CC2592RGVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
NF
10log(F)
10log(3.37)
5.28 dB



8
4.7
10
2
10
1
11
1
10
F
1
10
1
F
F
10
3.37
G
10




CC2592
CC2520
NF = 4.7 dB
Gain = 11 dB
NF = 8 dB
CC2592
SWRS159 – FEBRUARY 2014
www.ti.com
4
Sensitivity Improvement Example
Figure 4-1.
The noise factor of a system consisting of the CC2592 device and a CC2520 device, as seen in Figure 4-
1 is given by:
(1)
The noise figure is:
(2)
The noise figure is reduced from 8 dB for the CC2520 standalone to 5.28 dB for the CC2592 and CC2520
device combination, leading to a 2.72-dB theoretical improvement in sensitivity.
In practice, tests on the CC2592 and CC25XX devices show around 3-dB improvement in sensitivity. For
the CC2538 and CC2592 devices, the improvement is almost 4 dB (approximately –97 dBm to –101 dBm)
8
Sensitivity Improvement Example
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC2592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com