Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX533BEEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX533BEEE
Description  2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX533BEEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX533BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2.7V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS (continued)
(VDD = +2.7V to +3.6V, VREF = 2.5V, AGND = DGND = 0V, CDOUT = 100pF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at VDD = +3V and TA = +25°C.)
Note 1:
INL and DNL are measured with RL referenced to ground. Nonlinearity is measured from the first code that is greater than
or equal to the maximum offset specification to code FF hex (full scale). See
DAC Linearity and Voltage Offset section.
Note 2:
VREF = 2.5Vp-p, 10kHz. Channel-to-channel isolation is measured by setting one DAC’s code to FF hex and setting all
other DAC’s codes to 00 hex.
Note 3:
VREF = 2.5Vp-p, 10kHz. DAC code = 00 hex.
Note 4:
Guaranteed by design, not production tested.
Note 5:
Output settling time is measured from the 50% point of the rising edge of
CS to 1/2LSB of VOUT’s final value.
Note 6:
Digital crosstalk is defined as the glitch energy at any DAC output in response to a full-scale step change on any other
DAC.
Note 7:
If
LDAC is activated prior to CS’s rising edge, it must stay low for tLDAC or longer after CS goes high.
Note 8:
When DOUT is not used. If DOUT is used, fCLK max is 4MHz, due to the SCLK to DOUT propagation delay.
Note 9:
Serial data clocked out at SCLK’s rising edge (measured from 50% of the clock edge to 20% or 80% of VDD).
Note 10: Serial data clocked out at SCLK’s falling edge (measured from 50% of the clock edge to 20% or 80% of VDD).
CS Rise to SCLK Rise Setup
Time
tCS1
50
ns
SCLK Rise to
CS Fall Delay
tCS0
50
ns
MAX533M
MAX533M
40
40
MAX533C/E
MAX533C/E
SCLK Fall to DOUT Valid
Propagation Delay (Note 10)
tDO2
250
ns
MAX533M
210
MAX533C/E
SCLK Rise to DOUT Valid
Propagation Delay (Note 9)
tDO1
230
ns
MAX533M
200
MAX533C/E
40
CS Fall to SCLK Rise Setup
Time
tCSS
50
40
ns
SCLK Pulse Width Low
tCL
50
ns
MAX533C/E
MAX533M
MAX533C/E
MAX533M
40
SCLK Pulse Width High
tCH
50
ns
MAX533C/E
MAX533M
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
SERIAL-INTERFACE TIMING
10
SCLK Clock Frequency (Note 8)
fCLK
8.3
MHz
SCLK Rise to
CS Rise Hold Time
tCSH
0
ns
40
DIN to SCLK Rise to Setup Time
tDS
50
DIN to SCLK Rise to Hold Time
tDH
0
ns
CONDITIONS
MAX533C/E
MAX533M
MAX533C/E
MAX533M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com