Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12N10L-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 12N10L-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N10L-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  12N10L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 12N10L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 12N10L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 12N10L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 12N10L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 12N10L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
12N10
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-737.E
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
100
V
Drain-Source Leakage Current
IDSS
VDS=Max rating, VGS=0V
1
µA
Gate- Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+100 nA
Reverse
VGS=-20V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1
3
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=6A
0.15 0.18
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
430
pF
Output Capacitance
COSS
90
pF
Reverse Transfer Capacitance
CRSS
20
pF
SWITCHING PARAMETERS
(Note 1,2)
Total Gate Charge
QG
VGS=10V, VDD=80V, ID=12A
7.5
10
nC
Gate to Source Charge
QGS
2.5
nC
Gate to Drain Charge
QGD
3.0
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=1A, RG=9.1Ω,
VGS=10V (Fig. 1)
12
24
ns
Rise Time
tR
7
14
ns
Turn-OFF Delay Time
tD(OFF)
18
35
ns
Fall-Time
tF
3
6
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
12
A
Maximum Body-Diode Pulsed Current
ISM
48
A
Drain-Source Diode Forward Voltage
(Note 1)
VSD
IS=12A, VGS=0V
1.2
V
Notes: 1. Pulse Test: Pulse width ≤ 300μs, Duty cycle≤2%.
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com