Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12N10G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 12N10G-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N10G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  12N10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 12N10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 12N10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 12N10G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 12N10G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 12N10G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
12N10
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-737.E
ABSOLUTE MAXIMUM RATINGS(TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage (VGS=0)
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
TC=25°C
ID
12
A
TC=100°C
8.5
A
Pulsed (Note 2)
IDM
48
A
Power Dissipation
TO-220
PD
73
W
TO-251/TO-252
30
SOP-8
5
Avalanche Energy (Note 3)
EAS
100
mJ
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by safe operating area
3. Starting TJ = 25°C, ID = 12A, VDD = 50V
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220
θJA
62.5
°C/W
TO-251/TO-252
100
SOP-8
75 (Note)
Junction to Case
TO-220
θJC
1.71
°C/W
TO-251/TO-252
4.1
SOP-8
25 (Note)
Note: Device mounted on 1in
2 FR-4 board with 2oz. Copper, t = 10sec.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com