Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78LXXG-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 78LXXG-AF5-R
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXG-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  78LXXG-AF5-R Datasheet HTML 1Page - Unisonic Technologies 78LXXG-AF5-R Datasheet HTML 2Page - Unisonic Technologies 78LXXG-AF5-R Datasheet HTML 3Page - Unisonic Technologies 78LXXG-AF5-R Datasheet HTML 4Page - Unisonic Technologies 78LXXG-AF5-R Datasheet HTML 5Page - Unisonic Technologies 78LXXG-AF5-R Datasheet HTML 6Page - Unisonic Technologies 78LXXG-AF5-R Datasheet HTML 7Page - Unisonic Technologies 78LXXG-AF5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
78LXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R101-001.R
ELECTRICAL CHARACTERISTICS (Cont.)
For UTC78L12
(VIN=19V, IOUT=40mA, 0°C<TJ<150°C, C1=0.33μF, Co=0.1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
11.52 12.0
12.48
V
14.5V≤VIN≤27V,IOUT=1mA-40mA
11.40
12.60
V
14.5V≤VIN≤VMAX, IOUT=1mA-70mA
11.40
12.60 V(note 2)
Load Regulation
VOUT
TJ=25°C, IOUT=1mA-100mA
22
100
mV
TJ=25°C, IOUT=1mA-40mA
13
50
mV
Line regulation
VOUT
14.5V≤VIN≤27V,TJ=25°C
25
300
mV
16V≤VIN≤27V,TJ=25°C
20
250
mV
Quiescent Current
IQ
VIN=19V,IOUT=0mA,TJ=25°C
2.0
6.0
mA
Quiescent Current Change
IQ
16V≤VIN≤27V
1.5
mA
1mA≤VIN≤40mA
0.1
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
80
μV
Temperature coefficient of VOUT
VO/T IOUT=5mA
-1.0
mV/
C
Ripple Rejection
RR
15V≤VIN≤25V,f=120Hz,TJ=25°C
37
65
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L15
(VIN=23V, IOUT=40mA, 0°C<TJ<150°C, C1=0.33μF, Co=0.1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
14.40 15.0
15.60
V
17.5V≤VIN≤30V,IOUT=1mA-40mA
14.25
15.75
V
17.5V≤VIN≤VMAX, IOUT=1mA-70mA
14.25
15.75 V(note 2)
Load Regulation
VOUT
TJ=25°C, IOUT=1mA-100mA
25
150
mV
TJ=25°C, IOUT=1mA-40mA
15
75
mV
Line Regulation
VOUT
17.5V≤VIN≤30V,TJ=25°C
25
150
mV
20V≤VIN≤30V,TJ=25°C
15
75
mV
Quiescent Current
IQ
VIN=23V,IOUT=0mA,TJ=25°C
2.2
6.5
mA
Quiescent Current Change
IQ
20V≤VIN≤30V
1.5
mA
1mA≤VIN≤40mA
0.1
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
90
μV
Temperature Coefficient of VOUT
VO/T IOUT=5mA
-1.3
mV/
C
Ripple Rejection
RR
18.5V≤VIN≤28.5V,f=120Hz, TJ=25°C
34
63
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L18
(VIN=27V, IOUT=40mA, 0°C<TJ<150°C, C1=0.33μF, Co=0.1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
17.64 18.0
18.36
V
21V≤VIN≤33V,IOUT=1mA-40mA
17.46
18.54
V
21V≤VIN≤VMAX,IOUT=1mA-70mA
17.46
18.54 V(note 2)
Load Regulation
VOUT
TJ=25°C, IOUT=1mA-100mA
27
180
mV
TJ=25°C, IOUT=1mA-40mA
19
90
mV
Line Regulation
VOUT
21V≤VIN≤33V,TJ=25°C
145
300
mV
22V≤VIN≤33V,TJ=25°C
135
250
mV
Quiescent Current
IQ
VIN=27V,IOUT=0mA,TJ=25°C
2.0
6.0
mA
Quiescent Current Change
IQ
21V≤VIN≤33V
1.5
mA
1mA≤VIN≤40mA
0.1
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
150
μV
Temperature Coefficient of VOUT
VO/T IOUT=5mA
-1.8
mV/
C
Ripple Rejection
RR
23V≤VIN≤33V,f=120Hz,TJ=25°C
34
48
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
Note 1. The Maximum steady state usable output current is dependent on input voltage, heat sinking, lead length of
the package and copper pattern of PCB.
2. Power dissipation<0.5W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com