Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1335 Datasheet(PDF) 39 Page - Seiko Instruments Inc

Part # S1335
Description  HIGH RIPPLE-REJECTION SOFT-START FUNCTION
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1335 Datasheet(HTML) 39 Page - Seiko Instruments Inc

Back Button S1335 Datasheet HTML 35Page - Seiko Instruments Inc S1335 Datasheet HTML 36Page - Seiko Instruments Inc S1335 Datasheet HTML 37Page - Seiko Instruments Inc S1335 Datasheet HTML 38Page - Seiko Instruments Inc S1335 Datasheet HTML 39Page - Seiko Instruments Inc S1335 Datasheet HTML 40Page - Seiko Instruments Inc S1335 Datasheet HTML 41Page - Seiko Instruments Inc S1335 Datasheet HTML 42Page - Seiko Instruments Inc S1335 Datasheet HTML 43Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_00
S-1335 Series
Seiko Instruments Inc.
39
Characteristics (Typical Data)
1. Output voltage vs. Output current (When load current increases) (Ta =
+25°C)
1. 1 VOUT = 1.0 V
1. 2 VOUT = 2.5 V
0
0
IOUT [mA]
1.4
400
350
300
250
200
150
100
50
1.2
1.0
0.8
0.6
0.4
0.2
VIN = 2.0 V
VIN = 3.0 V
VIN = 5.5 V
VIN = 1.5 V
0
0
IOUT [mA]
2.8
400
350
300
250
200
150
100
50
2.4
2.0
1.6
1.2
0.8
0.4
VIN = 3.5 V
VIN = 4.5 V
VIN = 5.5 V
VIN = 3.0 V
1. 3 VOUT = 3.6 V
0
0
IOUT [mA]
4.0
400
350
300
250
200
150
100
50
3.6
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
VIN = 4.6 V
VIN = 5.5 V
VIN = 4.1 V
Remark In determining the output current, attention should
be paid to the following.
1. The minimum output current value and footnote
*5 in Table 20 and Table 21 in " Electrical
Characteristics"
2. The package power dissipation
2. Output voltage vs. Input voltage (Ta =
+25°C)
2. 1 VOUT = 1.0 V
2. 2 VOUT = 2.5 V
0
0
VIN [V]
1.4
6
1.2
1.0
0.8
0.6
0.4
0.2
5
4
3
2
1
IOUT = 100 mA
IOUT = 1 mA
IOUT = 30 mA
IOUT = 100
μA
0
0
VIN [V]
3.0
6
2.5
2.0
1.5
1.0
0.5
24
3
15
IOUT = 100 mA
IOUT = 1 mA
IOUT = 30 mA
IOUT = 100
μA
2. 3 VOUT = 3.6 V
0
0
VIN [V]
4.5
6
24
3
15
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
IOUT = 100 mA
IOUT = 1 mA
IOUT = 30 mA
IOUT = 100
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com