Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78TXXL-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 78TXXL-TQ2-R
Description  3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78TXXL-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  78TXXL-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 78TXXL-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 78TXXL-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 78TXXL-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 78TXXL-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 78TXXL-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 78TXXL-TQ2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
78TXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R101-021.F
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
TO-220
TO-263
TO-263-3
05 : 5V
06 : 6V
08 : 8V
09 : 9V
12 : 12V
15 : 15V
18 : 18V
BLOCK DIAGRAM
3
1
2
GND
OUTPUT
INPUT
R13
R17
R9
Z2
T12
T14
R19
R18
R12
R11
R10
R8
T8
T9
T13
T10
R14
T11
T5
T6
R5
T4
Z1
R15
T15
R16
R1
R2
R4
C1
R6
T7
T3
T1
T2
R3
R7
TYPICAL APPLICATION CIRCUIT
3
2
1
VIN
VoUT
UTC78TXX
CI
0.33 μF
CO
0.1 μF
Note: Bypass capacitors are recommended for optimum stability and transient response and should be located as
close as possible to the regulators.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com