Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1206 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S1206
Description  ULTRA LOW CURRENT CONSUMPTION AND
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1206 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S1206 Datasheet HTML 17Page - Seiko Instruments Inc S1206 Datasheet HTML 18Page - Seiko Instruments Inc S1206 Datasheet HTML 19Page - Seiko Instruments Inc S1206 Datasheet HTML 20Page - Seiko Instruments Inc S1206 Datasheet HTML 21Page - Seiko Instruments Inc S1206 Datasheet HTML 22Page - Seiko Instruments Inc S1206 Datasheet HTML 23Page - Seiko Instruments Inc S1206 Datasheet HTML 24Page - Seiko Instruments Inc S1206 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_00
S-1206 Series
Seiko Instruments Inc.
21
4. Ripple Rejection (Ta = 25
°C)
S-1206B12
VIN = 2.2 V, CL = 0.1
μF
S-1206B30
VIN = 4.0 V, CL = 0.1
μF
100
1k
10k
Frequency [Hz]
10
1M
0
100
80
60
40
20
100k
IOUT = 30 mA
100
1k
10k
Frequency [Hz]
10
1M
0
100
80
60
40
20
100k
IOUT = 30 mA
S-1206B50
VIN = 6.0 V, CL = 0.1
μF
100
1k
10k
Frequency [Hz]
10
1M
0
100
80
60
40
20
100k
IOUT = 30 mA
5. Equivalent Series Resistance vs. Output Current Characteristics Example (Ta = 25°C)
CL : Murata Manufacturing Co., Ltd.
GRM115R71C104K (0.1
μF)
100
0.001
250
IOUT [mA]
0
CIN = CL = 0.1
μF
Stable
CIN
VIN
VSS
CL
RESR
S-1206 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com