Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317AL-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM317AL-TN3-R
Description  ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM317AL-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM317AL-TN3-R Datasheet HTML 1Page - Unisonic Technologies LM317AL-TN3-R Datasheet HTML 2Page - Unisonic Technologies LM317AL-TN3-R Datasheet HTML 3Page - Unisonic Technologies LM317AL-TN3-R Datasheet HTML 4Page - Unisonic Technologies LM317AL-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM317A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R101-026.G
MEDIUM CURRENT 1.2V TO
37V ADJUSTABLE VOLTAGE
REGULATOR
DESCRIPTION
The UTC LM317A is an adjustable 3-terminal positive voltage
regulator, designed to supply 1.5A of output current with voltage
adjustable from 1.2V ~ 37V.
FEATURES
* Output voltage adjustable from 1.2V ~ 37V
* Output current in excess of 1.5A
* Internal thermal overload protection
* Internal short circuit current limiting
* Output transistor safe area compensation
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
-
LM317AG-AA3-R
SOT-223
ADJ
O
I
Tape Reel
LM317AL-TA3-T
LM317AG-TA3-T
TO-220
ADJ
O
I
Tube
LM317AL-TF2-T
LM317AG-TF2-T
TO-220F2
ADJ
O
I
Tube
LM317AL-TN3-R
LM317AG-TN3-R
TO-252
ADJ
O
I
Tape Reel
LM317AL-TQ2-R
LM317AG-TQ2-R
TO-263
ADJ
O
I
Tape Reel
LM317AL-TQ2-T
LM317AG-TQ2-T
TO-263
ADJ
O
I
Tube
LM317AL-TQ3-R
LM317AG-TQ3-R
TO-263-3
ADJ
O
I
Tape Reel
LM317AL-TQ3-T
LM317AG-TQ3-T
TO-263-3
ADJ
O
I
Tube
Note: Pin Assignment: I: VIN
O: VOUT
MARKING
SOT-223
TO-220 / TO-220F2 / TO-252 / TO-263 / TO-263-3


Similar Part No. - LM317AL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM317AL-TN3-R UTC-LM317AL-TN3-R Datasheet
256Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317AL-TN3-R UTC-LM317AL-TN3-R Datasheet
227Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317AL-TN3-R ETL-LM317AL-TN3-R Datasheet
254Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317AL-TN3-R UTC-LM317AL-TN3-R Datasheet
301Kb / 6P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - LM317AL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCUC723 UTC-UTCUC723 Datasheet
222Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S3ULM317 SECOS-S3ULM317 Datasheet
298Kb / 4P
Adjustable Voltage Regulator
SULM317 SECOS-SULM317 Datasheet
298Kb / 4P
Adjustable Voltage Regulator
logo
Seme LAB
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Inchange Semiconductor ...
LM317K ISC-LM317K Datasheet
124Kb / 1P
Adjustable Voltage Regulator
LM317T ISC-LM317T Datasheet
127Kb / 1P
Adjustable Voltage Regulator
logo
E-Tech Electronics LTD
UC723 ETL-UC723 Datasheet
154Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317 UTC-LM317_15 Datasheet
284Kb / 5P
ADJUSTABLE VOLTAGE REGULATOR
LM317L UTC-LM317L_15 Datasheet
215Kb / 5P
ADJUSTABLE VOLTAGE REGULATOR
UTCUC723 UTC-UTCUC723_V01 Datasheet
264Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com