Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317LG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM317LG-S08-R
Description  ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM317LG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM317LG-S08-R Datasheet HTML 1Page - Unisonic Technologies LM317LG-S08-R Datasheet HTML 2Page - Unisonic Technologies LM317LG-S08-R Datasheet HTML 3Page - Unisonic Technologies LM317LG-S08-R Datasheet HTML 4Page - Unisonic Technologies LM317LG-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM317L
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R101-008.E
LOW CURRENT 1.25V TO
37V ADJUSTABLE VOLTAGE
REGULATOR
DESCRIPTION
The UTC LM317L is a monolithic integrated circuit,
designed to supply 100mA of output current with voltage
adjustable from 1.25V ~ 37V.
FEATURES
*Output voltage adjustable from 1.25V ~ 37V.
*Output current in excess of 100mA
*Internal thermal overload protection
*Internal short circuit current limiting
*Output transistor safe area compensation
TO-92
1
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
LM317LK-T92-B
LM317LG-T92-B
TO-92
A
O
I
-
-
-
-
-
Tape Box
LM317LK-T92-K
LM317LG-T92-K
TO-92
A
O
I
-
-
-
-
-
Bulk
-
LM317LG-S08-R
SOP-8
I
O
O
A
N
O
O
N Tape Reel
-
LM317LG-S08-T
SOP-8
I
O
O
A
N
O
O
N
Tube
Note: Pin Assignment: A: ADJ
I: VIN
O: VOUT
N: No Connection
LM317LK-T92-B
(1)Packing Type
(2)Package Type
(3)Green Package
(1) B: Tape Box, K: Bulk, R: Tape Reel, T: Tube
(2) T92: TO-92, S08: SOP-8
(3) K: Lead Free, G: Halogen Free and Lead Free
MARKING
SOP-8
TO-92
UTC
LM317LG
2
34
1
5
6
7
8
Date Code
Lot Code


Similar Part No. - LM317LG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM317LG-S08-R UTC-LM317LG-S08-R Datasheet
215Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317LG-S08-R UTC-LM317LG-S08-R Datasheet
196Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317LG-S08-R UTC-LM317LG-S08-R Datasheet
428Kb / 6P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - LM317LG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCUC723 UTC-UTCUC723 Datasheet
222Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S3ULM317 SECOS-S3ULM317 Datasheet
298Kb / 4P
Adjustable Voltage Regulator
SULM317 SECOS-SULM317 Datasheet
298Kb / 4P
Adjustable Voltage Regulator
logo
Seme LAB
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Inchange Semiconductor ...
LM317K ISC-LM317K Datasheet
124Kb / 1P
Adjustable Voltage Regulator
LM317T ISC-LM317T Datasheet
127Kb / 1P
Adjustable Voltage Regulator
logo
E-Tech Electronics LTD
UC723 ETL-UC723 Datasheet
154Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317 UTC-LM317_15 Datasheet
284Kb / 5P
ADJUSTABLE VOLTAGE REGULATOR
LM317A UTC-LM317A_15 Datasheet
267Kb / 5P
ADJUSTABLE VOLTAGE REGULATOR
UTCUC723 UTC-UTCUC723_V01 Datasheet
264Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com