Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317AL-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM317AL-TQ2-R
Description  ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM317AL-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LM317AL-TQ2-R Datasheet HTML 1Page - Unisonic Technologies LM317AL-TQ2-R Datasheet HTML 2Page - Unisonic Technologies LM317AL-TQ2-R Datasheet HTML 3Page - Unisonic Technologies LM317AL-TQ2-R Datasheet HTML 4Page - Unisonic Technologies LM317AL-TQ2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LM317A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R101-026.G
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input-Output Voltage Differential
VIN-VOUT
40
V
Power Dissipation
PD
Internally limited
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-223
140
°C/W
TO-220/TO-220F2
50
°C/W
TO-252
103
°C/W
Junction to Ambient
TO-263/TO-263-3
θJA
62.5
°C/W
SOT-223
23.5
°C/W
TO-220/TO-263
TO-263-3
5
°C/W
TO-220F2
8
°C/W
Junction to Case
TO-252
θJC
12
°C/W
ELECTRICAL CHARACTERISTICS
(VIN-VOUT=5V, IOUT=0.5A, PMAX=20W, TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Line Regulation
∆VOUT/VOUT 3V≤VIN-VOUT≤40V, IOUT=100mA
0.01
0.04
%/V
VOUT≤5V
5
25
mV
Load Regulation
∆VOUT
10mA≤IOUT≤1.5A
VOUT≥5V
0.1
0.5
%
Adjustable Pin Current
IADJ
50
100
μA
Adjustable Pin Current Change
∆IADJ
3V≤VIN-VOUT≤40V,
10mA≤IOUT≤500mA
0.2
5
μA
Reference Voltage
VREF
3V≤VIN-VOUT≤40V,
10mA≤IOUT≤1.5A, PD<PMAX
1.20
1.25
1.30
V
Temperature Stability
TMIN≤TJ≤TMAX
0.7
%/VOUT
Minimum Load Current for Regulation
IL(MIN)
VIN-VOUT=40V
4.5
mA
VIN-VOUT=40V, PD≤PMAX
0.3
0.4
A
Maximum Output Current
IO(MAX)
VIN-VOUT=15V, PD<PMAX
1.5
2.2
A
RMS Noise vs. %of VOUT
eN
10HZ≤f≤10KHZ
0.003
%/VOUT
CADJ=0
65
dB
Ripple Rejection
RR
VOUT=10V,f=120HZ
CADJ=10μF
66
80
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com