Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317AG-TQ2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM317AG-TQ2-R
Description  ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM317AG-TQ2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LM317AG-TQ2-R Datasheet HTML 1Page - Unisonic Technologies LM317AG-TQ2-R Datasheet HTML 2Page - Unisonic Technologies LM317AG-TQ2-R Datasheet HTML 3Page - Unisonic Technologies LM317AG-TQ2-R Datasheet HTML 4Page - Unisonic Technologies LM317AG-TQ2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LM317A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R101-026.G
APPLICATION CIRCUITS
1
2
3
VOUT
R1
R2
VIN
C1
0.1μF
Co
1μF
I
ADJ
UTC LM317A
VOUT=1.25V×(1+R2/R1)+IADJ×R2
C1 is required when regulator is located an
appreciated distance from power supply. Co is
needed to improve transient response.
1
2
3
VOUT
VIN
D1 1N4002
720Ω
120Ω
1kΩ
1μF
TTL Level
signal
UTC
LM317A
Fig.1 Programmable voltage regulator
Fig.2 Regulator with On-off control
Fig.3 Soft Start Application
Fig.4 Constant Current Application



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com