Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5410EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5410EEE
Description  Dual, Audio, Log Taper Digital Potentiometers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5410EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5410EEE Datasheet HTML 1Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 2Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
VDD, VLOGIC, CS, SCLK, DIN to GND ......................-0.3V to +6V
H_, L_, and W_ to GND ..............................-0.3V to (VDD + 0.3V)
DOUT to GND.............................................-0.3V to (VDD + 0.3V)
AGND to GND .......................................................-0.3V to +0.3V
Input and Output Latchup Immunity...............................±200mA
Maximum Continuous Current into H_, L_, and W_.........±500µA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)........666.7mW
16-Pin QFN (derate 18.5mW/°C above +70°C) .........1481mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-60°C to +150°C
Maximum Junction Temperature .....................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Dual, Audio, Log Taper Digital Potentiometers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +3.6V (MAX5408/MAX5409), VDD = +4.5V to +5.5V (MAX5410/MAX5411), VH_ = VDD, VL_ = 0, TA = TMIN to TMAX.
Typical values are at TA = +25°C, unless otherwise specified.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
End-to-End Resistance
710
13
k
Ω
Maximum Bandwidth
(Note 1) CW_ = 50pF
100
kHz
Absolute Tolerance
±0.25
dB
Tap-to-Tap Tolerance
±0.1
dB
Total Harmonic Distortion + Noise
THD+N
VIN = 1VRMS, f = 1kHz, tap = -6dB
0.002
%
Channel Isolation
-100
dB
Interchannel Matching
f = 20Hz to 20kHz, tap = -6dB
±0.5
dB
Mute Attenuation
-90
dB
Power-Supply Rejection Ratio
PSRR
-80
dB
Wiper Resistance
RW
1000
1700
Ω
Wiper Capacitance
CW
10
pF
Digital Clock Feedthrough
fSCLK = 20Hz to 20kHz, tap = -6dB
-90
dB
End-to-End Resistance
Temperature Coefficient
35
ppm/°C
Ratiometric Resistance
Temperature Coefficient
5
ppm/°C
DIGITAL INPUTS (VLOGIC > 4.5V)
Input High Voltage
VIH
2.4
V
Input Low Voltage
VIL
0.8
V
Input Leakage Current
±1
µA
Input Capacitance
5pF
DIGITAL INPUTS (VLOGIC < 4.5V)
Input High Voltage
VIH
0.7 x
VLOGIC
V
Input Low Voltage
VIL
0. 3 x
VLOGIC
V
Input Leakage Current
±1
µA
Input Capacitance
5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com