Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB160G-SMA-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SB160G-SMA-R
Description  1.0A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB160G-SMA-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SB160G-SMA-R Datasheet HTML 1Page - Unisonic Technologies SB160G-SMA-R Datasheet HTML 2Page - Unisonic Technologies SB160G-SMA-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB160
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-066.e
ABSOLUTE MAXIMUM RATINGS (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Reverse Voltage
VRRM
60
V
Working Peak Reverse Voltage
VRWM
60
V
RMS Reverse Voltage
VR(RMS)
42
V
DC Blocking Voltage
VR
60
V
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
40
A
Average Rectified Output Current
IO
1.0
A
TA= 25°C
0.5
mA
Peak Reverse Current at Rated DC
Blocking Voltage
TA= 100°C
IRM
5.0
mA
Operating Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOD-123
200
°C/W
SMA
95
°C/W
Junction to Ambient
DO-41
θJA
50
°C/W
Note: Measured at ambient temperature at a distance of 9.5mm from the case.
ELECTRICAL CHARACTERISTICS (TA =25°C unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage
V(BR)R
IR=0.50mA
60
V
Forward Voltage Drop
VFM
IF=1.0A
0.7
V
TA=25°C
500
μA
Peak Reverse Current at Rated DC Blocking Voltage
IRM
TA=100°C
5.0
mA
Notes: 1. Pulse width ≤ 300μs, duty cycle ≤ 2%.
2. Short duration test pulse used to minimize self-heating effect.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com