Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB160L-SMA-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SB160L-SMA-R
Description  1.0A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB160L-SMA-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SB160L-SMA-R Datasheet HTML 1Page - Unisonic Technologies SB160L-SMA-R Datasheet HTML 2Page - Unisonic Technologies SB160L-SMA-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SB160
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R601-066.e
1.0A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC SB160 is a Schottky Rectifier with high current
capacity and low forward voltage.
The UTC SB160 is suitable for polarity protection ,low voltage
and high frequency inverters and free wheeling applications.
FEATURES
* High Current Capability
* Low Forward Voltage
SYMBOL
DO-41
SMA
(JEDEC DO-214AC)
+
-
SOD-123
+
-
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
Packing
-
SB160G-CA2-R
SOD-123
K
A
Tape Reel
SB160L-SMA-R
SB160G-SMA-R
SMA
K
A
Tape Reel
SB160L-Z41-R
SB160G-Z41-R
DO-41
K
A
Tape Reel
SB160L-Z41-B
SB160G-Z41-B
DO-41
K
A
Tape Box
Note: Pin Assignment: A: Anode
K: Cathode
(1) R: Tape Reel, B: Tape Box
(2) CA2: SOD-123, SMA: SMA, Z41: DO-41
(3) G: Halogen Free and Lead Free, L: Lead Free
SB160G-CA2-R
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING
Package
MARKING
SOD-123
B1G
SMA
Date Code
Cathode Band for
uni-directional Only
UTC
SB160
L: Lead Free
G: Halogen Free
DO-41
SB160
Date Code
L: Lead Free
G: Halogen Free
Cathode Band for uni-directional Only


Similar Part No. - SB160L-SMA-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SB160L-SMA-R UTC-SB160L-SMA-R Datasheet
148Kb / 3P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB160L-SMA-R

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N5817 WTE-1N5817 Datasheet
36Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
SB120 WTE-SB120 Datasheet
50Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
1N5817 DIODES-1N5817 Datasheet
44Kb / 2P
1.0A SCHOTTKY BARRIER RECTIFIER
DS23001 Rev. 6 - 2
SB120 DIODES-SB120 Datasheet
74Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
DS23022 Rev. 4 - 2
1N5817 DIODES-1N5817_1 Datasheet
68Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
DS23001 Rev. 8 - 2
logo
Unisonic Technologies
MBR145 UTC-MBR145 Datasheet
148Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB120 DIODES-SB120_15 Datasheet
87Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
1N5817 DIODES-1N5817_15 Datasheet
46Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
1N5817 ZSELEC-1N5817 Datasheet
104Kb / 2P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B150AE DIODES-B150AE Datasheet
438Kb / 6P
1.0A SCHOTTKY BARRIER RECTIFIER
January 2020 Rev. 4 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com