Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1165 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S1165
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1165 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S1165 Datasheet HTML 9Page - Seiko Instruments Inc S1165 Datasheet HTML 10Page - Seiko Instruments Inc S1165 Datasheet HTML 11Page - Seiko Instruments Inc S1165 Datasheet HTML 12Page - Seiko Instruments Inc S1165 Datasheet HTML 13Page - Seiko Instruments Inc S1165 Datasheet HTML 14Page - Seiko Instruments Inc S1165 Datasheet HTML 15Page - Seiko Instruments Inc S1165 Datasheet HTML 16Page - Seiko Instruments Inc S1165 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_00
S-1165 Series
Seiko Instruments Inc.
13
3. ON/OFF pin
This pin starts and stops the regulator.
When the ON/OFF pin is set to OFF level, the entire internal circuit stops operating, and the built-in P-
channel MOS FET output transistor between the VIN pin and the VOUT pin is turned off, reducing current
consumption significantly. The VOUT pin becomes the Vss level due to the internally divided resistance
of several hundreds k
Ω between the VOUT pin and the VSS pin.
The structure of the ON/OFF pin is as shown in Figure 12. Since the ON/OFF pin is neither pulled
down nor pulled up internally, do not use it in the floating status. In addition, note that the current
consumption increases if a voltage of 0.3 V to VIN – 0.3 V is applied to the ON/OFF pin. When not using
the ON/OFF pin, connect it to the VSS pin in the product A type, connect it to the VIN pin in B type.
Table 5
Product Type
ON/OFF Pin
Internal Circuit
VOUT Pin Voltage
Current Consumption
A
“L”: ON
Operate
Set value
ISS1
A
“H”: OFF
Stop
VSS level
ISS2
B
“L”: OFF
Stop
VSS level
ISS2
B
“H”: ON
Operate
Set value
ISS1
VSS
ON/OFF
VIN
Figure 12
Selection of Output Capacitor (CL)
The S-1165 Series performs phase compensation using the internal phase compensator in the IC and the
ESR (Equivalent Series Resistance) of the output capacitor to enable stable operation independent of
changes in the output load. Therefore, always place a capacitor (CL) of 2.2
μF or more between the
VOUT pin and the VSS pin.
For stable operation of the S-1165 Series, it is essential to employ a capacitor whose ESR is within an
optimum range. Using a capacitor whose ESR is outside the optimum range (approximately 0.5
Ω to
5
Ω), whether larger or smaller, may cause an unstable output, resulting in oscillation. For this reason, a
tantalum electrolytic capacitor is recommended.
When a ceramic capacitor or an OS capacitor with a low ESR is used, it is necessary to connect an
additional resistor that serves as the ESR in series with the output capacitor. The required resistance
value is approximately 0.5
Ω to 5 Ω, which varies depending on the usage conditions, so perform sufficient
evaluation for selection. Ordinarily, around 1.0
Ω is recommended.
Note that an aluminum electrolytic capacitor may increase the ESR at a low temperature, causing
oscillation.
When using this kind of capacitor, perform thorough evaluation, including evaluation of
temperature characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com