Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC34463G-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC34463G-SH2-R
Description  200KHZ, 2A PWM BUCK SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC34463G-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UC34463G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UC34463G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UC34463G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UC34463G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UC34463G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UC34463G-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UC34463
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R103-055.C
TYPICAL CHARACTERISTICS
1. Boot Power (CH2: Yellow 5V/div, CH3: Blue 2V/div)
Time (5ms/div)
025
50
5V
0
2V
Time (5ms/div)
025
50
5V
0
0
0
2V
VIN=12V
VIN=24V
2. CA Mode



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com