Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM608G-R10-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UM608G-R10-R
Description  CONTROLLER FOR BATTERY CHARGERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM608G-R10-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UM608G-R10-R Datasheet HTML 1Page - Unisonic Technologies UM608G-R10-R Datasheet HTML 2Page - Unisonic Technologies UM608G-R10-R Datasheet HTML 3Page - Unisonic Technologies UM608G-R10-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UM608
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R105-043.E
CONSTANT VOLTAGE AND
CONSTANT CURRENT
CONTROLLER FOR BATTERY
CHARGERS
DESCRIPTION
The UTC UM608 is a highly integrated solution for a constant
voltage/constant current mode SMPS application.
The UTC UM608 contains one 2.5V voltage reference, one
operational amplifier for voltage control loop, one operational
amplifier for current control loop and two operational amplifiers for
charge status. It is suitable for battery charger and other battery
systems.
FEATURES
* Constant Voltage and Constant Current Control
* Precision Internal Voltage Reference
* Few External Components
* Easy Compensation
* Charge status output for LED
* build-in overvoltage protection for battery
ORDERING INFORMATION
Ordering Number
Package
Packing
UM608G-R10-R
SSOP-10
Tape Reel
UM608G-SM2-R
MSOP-10
Tape Reel
(1) R: Tape Reel
(2) R10: SSOP-10, SM2: MSOP-10
(3) G: Halogen Free and Lead Free
UM608G-R10-R
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING


Similar Part No. - UM608G-R10-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM608G-R10-R UTC-UM608G-R10-R Datasheet
221Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
UM608G-R10-R UTC-UM608G-R10-R Datasheet
226Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results

Similar Description - UM608G-R10-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Sep-2001
TSM1011_0311 STMICROELECTRONICS-TSM1011_0311 Datasheet
170Kb / 9P
Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
Nov-2003
logo
Freescale Semiconductor...
MC56F825X FREESCALE-MC56F825X Datasheet
3Mb / 88P
Digital Signal Controller Battery chargers and management
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051_09 Datasheet
293Kb / 8P
Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
Rohm
BD5650AFVM ROHM-BD5650AFVM Datasheet
355Kb / 12P
Power Management ICs for Battery Chargers
logo
Unisonic Technologies
UM608 UTC-UM608 Datasheet
142Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
Taiwan Semiconductor Co...
TS1052 TSC-TS1052 Datasheet
289Kb / 8P
Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
Unisonic Technologies
UC34363 UTC-UC34363 Datasheet
172Kb / 6P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
STMicroelectronics
STWBC-EP STMICROELECTRONICS-STWBC-EP Datasheet
715Kb / 32P
Digital controller for wireless battery chargers transmitters for Qi 15 W applications
10-Oct-2017
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
BATTERY CHARGERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com