Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5411EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5411EEE
Description  Dual, Audio, Log Taper Digital Potentiometers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5411EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5411EEE Datasheet HTML 1Page - Maxim Integrated Products MAX5411EEE Datasheet HTML 2Page - Maxim Integrated Products MAX5411EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5411EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5411EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5411EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5411EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5411EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5411EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Dual, Audio, Log Taper Digital Potentiometers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +3.6V (MAX5408/MAX5409), VDD = +4.5V to +5.5V (MAX5410/MAX5411), VH_ = VDD, VL_ = 0, TA = TMIN to TMAX.
Typical values are at TA = +25°C, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL OUTPUT
Output High Voltage
VOH
ISOURCE = 0.5mA
VLOGIC
- 0.5
V
Output Low Voltage
VOL
ISINK = 2mA
0.4
V
TIMING CHARACTERISTICS (Figure 1)
SCLK Clock Period
tCP
100
ns
SCLK Pulse Width High
tCH
40
ns
SCLK Pulse Width Low
tCL
40
ns
CS Fall to SCLK Rise Setup
Time
tCSS
40
ns
SCLK Rise to CS Rise Hold Time
tCSH
0ns
DIN Setup Time
tDS
40
ns
DIN Hold Time
tDH
0ns
SCLK Fall to DOUT Valid
Propagation Delay
tDO
CLOAD = 200pF
80
ns
CS Rise to SCLK Rise Hold Time
tCS1
40
ns
CS Pulse Width High
tCSW
100
ns
Wiper Settling Time
tIW
Zero-crossing detect disabled
1
µs
POWER SUPPLIES
MAX5408/MAX5409
2.7
3.6
Supply Voltage
VDD
MAX5410/MAX5411
4.5
5.5
V
Active Supply Current
fSCLK = 2MHz (Note 2)
100
Standby Supply Current
IDD
(Note 3)
0.2
10
µA
Logic Supply Voltage
VLOGIC
2.7
5.5
V
Logic Active Supply Current
fSCLK= 2MHz, DOUT = floating (Note 2)
120
Logic Standby Supply Current
ILOGIC
DOUT = floating (Note 3)
0.5
10
µA
Note 1: Guaranteed by design, not production tested.
Note 2: Supply current measured while changing wiper position with zero crossing enabled.
Note 3: Supply current measured while wiper position is fixed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com