Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1702 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # US1702
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1702 Datasheet(HTML) 2 Page - Unisonic Technologies

  US1702 Datasheet HTML 1Page - Unisonic Technologies US1702 Datasheet HTML 2Page - Unisonic Technologies US1702 Datasheet HTML 3Page - Unisonic Technologies US1702 Datasheet HTML 4Page - Unisonic Technologies US1702 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
US1702
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R911-020.c
PIN CONFIGURATION
1
Drain
GND
Drain
VCC
Drain
FB
2
3
4
5
6
7
8
Drain
GND
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1、2
GND
Ground
3
FB
Feedback
4
VCC
Supply voltage
5~8
Drain
Power MOSFET drain
BLOCK DIAGRAM
Notes: OTP (Over Temperature Protection)
OVP (Over Voltage Protection)
OCP (Over Current Protection)
UVLO (Under Voltage Latch-Out)
LEB (Led Edge Blanking)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com