Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT9435HZG-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT9435HZG-S08-R
Description  P-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT9435HZG-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT9435HZG-S08-R Datasheet HTML 1Page - Unisonic Technologies UT9435HZG-S08-R Datasheet HTML 2Page - Unisonic Technologies UT9435HZG-S08-R Datasheet HTML 3Page - Unisonic Technologies UT9435HZG-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UT9435HZ
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-740. F
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDSS
-30
V
Gate to Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 3)
ID
±5.3
A
Pulsed Drain Current (Note 1, 2)
IDM
±20
A
SOT-223
2.5
W
SOT-23/ SOT-26
0.38
W
Power Dissipation
SOP-8
PD
2.5
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-23/SOT-26
325
°C/W
Junction to Ambient
SOT-223/SOP-8
θJA
50 (Note 3)
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250µA
-30
V
Drain-Source Leakage Current
IDSS
VDS=-30V,VGS=0V
-1
µA
Gate-Source Leakage Current
IGSS
VDS=0V ,VGS=±20V
±5
µA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-1
-3
V
VGS=-10V,ID=-5.3A
44
55
mΩ
Drain-Source On-State Resistance (Note 2)
RDS(ON)
VGS=-4.5V, ID=-4.2A
74
135
mΩ
On State Drain Current
ID(ON)
VDS=-5V, VGS=-10V
-20
V
DYNAMIC PARAMETERS
Input Capacitance
CISS
600
pF
Output Capacitance
COSS
95
pF
Reverse Transfer Capacitance
CRSS
VDS=-15V,VGS=0V,
f=1.0MHz
85
pF
SWITCHING PARAMETERS
Total Gate Charge (Note 2)
QG
50
55
nC
Gate-Source Charge
QGS
5
nC
Gate-Drain Charge
QGD
VDS=-15V,VGS=-10V,
ID=-5.3A
5
nC
Turn-ON Delay Time (Note 2)
tD(ON)
33
40
ns
Turn-ON Rise Time
tR
31
45
ns
Turn-OFF Delay Time
tD(OFF)
122
130
ns
Turn-OFF Fall Time
tF
VDD=-15V, ID=-1A,
VGEN=-10V, RG=6Ω,
70
90
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage (Note 2)
VSD
VGS=0V, IS =-5.3A
-0.84
-1.3
V
Notes: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤300μs, duty cycle ≤2%
3. Surface Mounted on 1in
2 copper pad of FR4 board



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com