Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1135 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S1135
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1135 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S1135 Datasheet HTML 17Page - Seiko Instruments Inc S1135 Datasheet HTML 18Page - Seiko Instruments Inc S1135 Datasheet HTML 19Page - Seiko Instruments Inc S1135 Datasheet HTML 20Page - Seiko Instruments Inc S1135 Datasheet HTML 21Page - Seiko Instruments Inc S1135 Datasheet HTML 22Page - Seiko Instruments Inc S1135 Datasheet HTML 23Page - Seiko Instruments Inc S1135 Datasheet HTML 24Page - Seiko Instruments Inc S1135 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_00
S-1135 Series
Seiko Instruments Inc.
21
3. ON / OFF pin
This pin starts and stops the regulator.
When the ON / OFF pin is set to OFF level, the entire internal circuit stops operating, and the built-in P-channel MOS
FET output transistor between the VIN and VOUT pins is turned off, reducing current consumption significantly.
Since the S-1135 Series A / B / E / F type has a built-in discharge shunt circuit to discharge the output capacitance,
the VOUT pin is forcibly set to VSS level. In the S-1135 Series C / D / G / H type, the VOUT pin is set to VSS level
through several hundred k
Ω internal divided resistors between the VOUT and VSS pins. Note that the current
consumption increases when a voltage of 0.3 V to 1.0 V (Ta = 25
°C) is applied to the ON / OFF pin.
The ON / OFF pin is configured as shown in Figures 21 and 22. In the S-1135 Series A / C / E / G type, the
ON
/ OFF pin is internally pulled up to the VIN pin or pulled down to the VSS pin in the floating status, so the VOUT pin is
set to the VSS level. In the S-1135 Series B / D / F / H type, the ON / OFF pin is not internally pulled up or pulled
down, so do not use the ON / OFF pin in the floating status. When not using the ON / OFF pin, connect it to the VIN
pin in the product B / D type, and connect it to the VSS pin in the F / H type.
Table 11
Product Type
ON / OFF Pin
Internal Circuit
VOUT Pin Voltage
Current Consumption
A / B / C / D
“H”: ON
Operate
Set value
ISS1
*1
A / B / C / D
“L”: OFF
Stop
VSS level
ISS2
E / F / G / H
“H”: OFF
Stop
VSS level
ISS2
E / F / G / H
“L”: ON
Operate
Set value
ISS1
*1
*1.
Note that the IC’s current consumption increases as much as current flows into the pull-up / pull-down
resistor when; the ON / OFF pin is connected to the VIN pin in the A / C type, the ON / OFF pin is
connected to the VSS pin in the E / G type (Refer to Figure 21).
(1) S-1135 Series A / C / E / G type
(2) S-1135 Series B / D / F / H type
VSS
VIN
ON / OFF
E / G type
A / C type
VSS
VIN
ON / OFF
Figure 21
Figure 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com