Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S816 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S816
Description  EXTERNAL TRANSISTOR TYPE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S816 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S816 Datasheet HTML 9Page - Seiko Instruments Inc S816 Datasheet HTML 10Page - Seiko Instruments Inc S816 Datasheet HTML 11Page - Seiko Instruments Inc S816 Datasheet HTML 12Page - Seiko Instruments Inc S816 Datasheet HTML 13Page - Seiko Instruments Inc S816 Datasheet HTML 14Page - Seiko Instruments Inc S816 Datasheet HTML 15Page - Seiko Instruments Inc S816 Datasheet HTML 16Page - Seiko Instruments Inc S816 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_00
S-816 Series
Seiko Instruments Inc.
13
Application Circuits
1. Overcurrent Protection Circuit
Figure 11 shows a sample of overcurrent protection implemented with an external circuit connected.
The internal overcurrent protection function of the S-816 Series is designed to detect the sink current
(base current of the PNP transistor) at the EXT pin, therefore it may not be able to protect the external
PNP transistor from collector overcurrents caused by an EXT-GND short-circuiting or other phenomenon
occurring outside the IC.
This sample circuit activates the regulator intermittently against collector overcurrents, thereby
suppressing the heat generation of the external PNP transistor.
The duty of the on-time and off-time of the intermittent operation can be regulated through an external
component.
VIN
CIN
10
μF
+
−
R2
2 k
Ω
R1
100 k
Ω
RS
0.5
Ω
R4
2 k
Ω
Tr1
R3
2 k
Ω
C2
0.22
μF
Tr2
C1
0.22
μF
CL
10
μF
+
−
VIN
EXT
VOUT
S-816 Series
VSS
OUT
2SA1213Y
ON/OFF
Figure 11
Caution The above connection diagram and constant will not guarantee successful operation.
Perform through evaluation using the actual application to set the constant.
S-816A30AMC (VIN
=4 V)
1 A
Load Current
(0.5 A/div)
0 A
2 V
VON/OFF
(1 V/div)
0 V
t (2 ms/div)
S-816A30AMC (VIN
=4 V)
1 A
Load Current
(0.5 A/div)
0 A
2 V
VON/OFF
(1 V/div)
0 V
t (100
μs/div)
Figure 12 Output Current Waveforms during Intermittent Operation Prompted by Load Short-Circuiting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com