Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT15P06G-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT15P06G-TN3-R
Description  P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT15P06G-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT15P06G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT15P06G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT15P06G-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTT15P06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-733.D
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGSS
±25
V
Drain Current
Continuous
ID
-15
A
Pulsed
IDM
-45
A
Power Dissipation
TO-220
PD
40
W
TO-220F
37
TO-251/TO-252
31.3
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Steady state)
TO-220/TO-220F
θJA
62
°C/W
TO-251/TO-252
110
°C/W
Junction to Case
TO-220
θJC
3.125
°C/W
TO-220F
3.3
TO-251/TO-252
4
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=-250µA, VGS=0V
-60
V
Drain-Source Leakage Current
IDSS
VDS=-60V, VGS=0V
-1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+25V, VDS=0V
+100
nA
Reverse
VGS=-25V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-1
-3
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS= -10V, ID= -15A (Note 1)
90
mΩ
DYNAMIC PARAMETERS
(Note 2)
Input Capacitance
CISS
VGS=0V, VDS=-25V, f=1.0MHz
(Note 2)
1100 2660
pF
Output Capacitance
COSS
115
pF
Reverse Transfer Capacitance
CRSS
90
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
VDD=-30V, ID=-1A, RG=12.5Ω
(Note 3)
16
ns
Rise Time
tR
30
ns
Turn-OFF Delay Time
tD(OFF)
50
ns
Fall-Time
tF
20
ns
Total Gate Charge
QG
VGS=-10V, VDS=-30V,
ID=-15A (Note 3)
14
27
nC
Gate to Source Charge
QGS
3
nC
Gate to Drain Charge
QGD
8
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
(TC=25°C) (Note 2)
Maximum Body-Diode Continuous Current
IS
-15
A
Maximum Body-Diode Pulsed Current
ISM
-45
A
Drain-Source Diode Forward Voltage
VSD
IF=-15A, VGS=0V (Note 1)
-1.0
-1.5
V
Notes: 1. Pulse test; pulse width ≤ 300 µs, duty cycle ≤ 2 %.
2. Guaranteed by design, not subject to production testing.
3. Independent of operating temperature.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com