Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX542ACPD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX542ACPD
Description  5V, Serial-Input, Voltage-Output, 16-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX542ACPD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX542ACPD Datasheet HTML 4Page - Maxim Integrated Products MAX542ACPD Datasheet HTML 5Page - Maxim Integrated Products MAX542ACPD Datasheet HTML 6Page - Maxim Integrated Products MAX542ACPD Datasheet HTML 7Page - Maxim Integrated Products MAX542ACPD Datasheet HTML 8Page - Maxim Integrated Products MAX542ACPD Datasheet HTML 9Page - Maxim Integrated Products MAX542ACPD Datasheet HTML 10Page - Maxim Integrated Products MAX542ACPD Datasheet HTML 11Page - Maxim Integrated Products MAX542ACPD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
+5V, Serial-Input, Voltage-Output, 16-Bit DACs
______________________________________________________________________________________
11
TRANSISTOR COUNT: 2209
SUBSTRATE CONNECTED TO DGND
_____________________Chip Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX541AEPA
-40°C to +85°C
8 Plastic DIP
MAX541CEPA
-40°C to +85°C
8 Plastic DIP
MAX541BESA
-40°C to +85°C
8 SO
MAX541CESA
-40°C to +85°C
8 SO
INL
(LSB)
±1
±4
±2
±4
MAX541AESA
-40°C to +85°C
8 SO
±1
MAX542ACPD
0°C to +70°C
14 Plastic DIP
MAX542BCPD
0°C to +70°C
14 Plastic DIP
±1
±2
Ordering Information (continued)
*Dice are tested at TA = +25°C, DC parameters only.
**Contact factory for availability.
MAX542CCPD
0°C to +70°C
14 Plastic DIP
MAX542ACSD
0°C to +70°C
14 SO
MAX542CCSD
0°C to +70°C
14 SO
MAX542BC/D
0°C to +70°C
Dice*
±4
±1
±4
±2
MAX542BCSD
0°C to +70°C
14 SO
±2
MAX542AEPD
-40°C to +85°C
14 Plastic DIP
MAX542BEPD
-40°C to +85°C
14 Plastic DIP
±1
±2
MAX542AESD
-40°C to +85°C
14 SO
MAX542BESD
-40°C to +85°C
14 SO
±1
±2
MAX542CEPD
-40°C to +85°C
14 Plastic DIP
±4
MAX542CESD
-40°C to +85°C
14 SO
MAX542CMJD
-55°C to +125°C
14 Ceramic SB**
±4
±4
MAX541BEPA
-40°C to +85°C
8 Plastic DIP
±2
16-BIT DAC
16-BIT DATA LATCH
SERIAL INPUT REGISTER
CONTROL
LOGIC
MAX541
REF
CS
DIN
SCLK
AGND
OUT
VDD
DGND
Functional Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com