Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX545ACSD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX545ACSD
Description  5V, Serial-Input, Voltage-Output, 14-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX545ACSD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX545ACSD Datasheet HTML 1Page - Maxim Integrated Products MAX545ACSD Datasheet HTML 2Page - Maxim Integrated Products MAX545ACSD Datasheet HTML 3Page - Maxim Integrated Products MAX545ACSD Datasheet HTML 4Page - Maxim Integrated Products MAX545ACSD Datasheet HTML 5Page - Maxim Integrated Products MAX545ACSD Datasheet HTML 6Page - Maxim Integrated Products MAX545ACSD Datasheet HTML 7Page - Maxim Integrated Products MAX545ACSD Datasheet HTML 8Page - Maxim Integrated Products MAX545ACSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
+5V, Serial-Input, Voltage-Output, 14-Bit DACs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V ± 5%, VREF = +2.5V, AGND = DGND = 0, TA = TMIN to TMAX, unless otherwise noted.)
TIMING CHARACTERISTICS
(VDD = +5V ± 5%, VREF = +2.5V, AGND = DGND = 0, CMOS inputs, TA = TMIN to TMAX, unless otherwise noted.)
Note 1: Gain Error tested at VREF = 2.0V, 2.5V, and 3.0V.
Note 2: ROUT tolerance is typically ±20%.
Note 3: Min/max range guaranteed by gain-error test. Operation outside min/max limits will result in degraded performance.
Note 4: Reference input resistance is code dependent, minimum at 8554 hex.
Note 5: Slew-rate value is measured from 0% to 63%.
Note 6: Guaranteed by design. Not production tested.
Code = FFFC hex
VIN = 0
Code = 0000 hex, VREF = 1Vp-p at 100kHz
Code = 0000 hex
Code = FFFC hex
(Note 6)
CONDITIONS
mW
1.5
PD
Power Dissipation
mA
0.3
1.1
IDD
Positive Supply Current
V
4.75
5.25
VDD
Positive Supply Range
V
0.40
VH
Hysteresis Voltage
pF
10
CIN
Input Capacitance
mVp-p
1
MHz
1
BW
Reference -3dB Bandwidth
µA
±1
IIN
Input Current
V
0.8
VIL
Input Low Voltage
V
2.4
VIH
Input High Voltage
Reference Feedthrough
dB
83
SNR
Signal-to-Noise Ratio
75
pF
120
CIN
Reference Input Capacitance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX545 (Note 6)
MAX545
(Note 6)
CONDITIONS
µs
20
VDD High to CS Low
(power-up delay)
ns
45
tCL
SCLK Pulse Width Low
ns
45
tCH
MHz
10
fSCLK
SCLK Frequency
SCLK Pulse Width High
ns
50
tLDACS
CS High to LDAC Low Setup
ns
50
tLDAC
LDAC Pulse Width
ns
0
tDH
DIN to SCLK High Hold
ns
40
tDS
DIN to SCLK High Setup
ns
45
tCSS0
CS Low to SCLK High Setup
ns
45
tCSS1
CS High to SCLK High Setup
ns
30
tCSH0
SCLK High to CS Low Hold
ns
45
tCSH1
SCLK High to CS High Hold
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DYNAMIC PERFORMANCE—REFERENCE SECTION
STATIC PERFORMANCE—DIGITAL INPUTS
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com