Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX552 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX552
Description  3V/5V, 12-Bit, Serial, Multiplying DACs in 10-Pin 關MAX Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX552 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX552 Datasheet HTML 1Page - Maxim Integrated Products MAX552 Datasheet HTML 2Page - Maxim Integrated Products MAX552 Datasheet HTML 3Page - Maxim Integrated Products MAX552 Datasheet HTML 4Page - Maxim Integrated Products MAX552 Datasheet HTML 5Page - Maxim Integrated Products MAX552 Datasheet HTML 6Page - Maxim Integrated Products MAX552 Datasheet HTML 7Page - Maxim Integrated Products MAX552 Datasheet HTML 8Page - Maxim Integrated Products MAX552 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
+3V/+5V, 12-Bit, Serial, Multiplying DACs
in 10-Pin µMAX Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX551
(VDD = +4.5V to +5.25V, VREF = 5V, OUT = AGND = GND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND..............................................................................6V
REF, RFB to GND.................................................................±12V
Digital Inputs (SCLK, DIN, LOAD, CLR)
to GND .....................................................................-0.3V to 6V
OUT to GND ...............................................-0.3V to (VDD + 0.3V)
AGND to GND ............................................-0.3V to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) .............727mW
µMAX (derate 5.60mW/°C above +70°C) .....................444mW
Operating Temperature Ranges
MAX55_ _C_ _......................................................0°C to +70°C
MAX55_ _E_ _ ...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VREF = 6VRMS at 1kHz, DAC register loaded
with all 1s
VREF = 5Vp-p at 10kHz, DAC register loaded
with all 0s
Using internal feedback resistor (RFB)
(Note 2)
∆VDD = +5%, -10%
TA = +25°C, to 1/2LSB, OUT load is
100
Ω||13pF, DAC register alternately loaded
with 1s and 0s
10Hz to 100kHz, measured between RFB and
OUT
CONDITIONS
nV/
√Hz
13
15
Output Noise-Voltage Density
±1
Gain Error
LSB
±1/2
INL
dB
-85
THD
Total Harmonic Distortion
mVp-p
0.3
1
AC Feedthrough at OUT
µs
0.08
1
ppm/°C
±0.2
±1
Gain Tempco
(
∆Gain/∆Temp)
ppm/%
2
PSR
Power-Supply Rejection
tS
Current Settling Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX551A
Bits
12
N
Resolution
MAX551B
±1
Integral Nonlinearity
Guaranteed monotonic over
temperature
MAX551A
±1/2
DNL
Differential Nonlinearity
MAX551B
±1
MAX551A
MAX551B
Using internal feedback
resistor (RFB)
±2
VREF = 0V, OUT load is 100Ω||13pF, DAC
register alternately loaded with 1s and 0s
Digital-to-Analog Glitch
nV-s
0.65
20
STATIC PERFORMANCE
DYNAMIC PERFORMANCE (Note 3)
LSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com