Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TWR-PI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TWR-PI
Description  ZenNet Wireless Lighting On/Off Plug-in Switch Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TWR-PI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TWR-PI Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
TWR-PI Plug-in Wireless Relay
ZenNet Wireless Lighting On/Off Plug-in Switch Module
5 year Warranty
Specifications
Power Supply
120Vac, 50/60Hz
Maximum Load
• General Purpose – 15A @ 120Vac
• Resistive – 15A @ 120Vac
• Tungsten – 960W @ 120Vac
• Ballast – 600W @ 120Vac
• Motor Load Rating – ½ HP @ 120Vac
Power Consumption
1.1W @ full load, 500mW quiescent
Inputs/Outputs
• Standard male plug for power input
• Standard female plug for controlled output
• 1 normally open relay
• Input for accessory tabletop rocker pad
• Radio Frequency (RF) transceiver
• 2 Buttons with LEDs -- configuration & manual control
RF Communications
EnOcean 902 MHz
Transmission Range
80ft (25m)
Dimensions
4.09”H x 1.85”W x 1.26”D (103.9mm x 47mm x 32mm)
Weight
12.3oz. (348g
Cord Lengths
Plug cord: 3ft. (91.4cm)
Outlet cord: 1 ft. (30.5cm)
Mounting
Free standing, or mounts to wall using
included mounting plate
Environment
• Indoor use only
• 32° to 131° F (0° to 55° C)
• 20% to 95% relative humidity (non-condensing)
Interoperable Products
(EnOcean Profiles)
• Rocker Pad Switch (F6-02-02)
• Key Card Switch (F6-04-01)
• Window handle (F6-10-00)
• 1BS Single Input Contact (D5-00-01)
• Temperature Sensor, 0° to 40° C (A5-02-05)
• Occupancy Sensor (A5-07-01)
• Contact, single input (A5-30-01)
• Central Gateway (A5-38-08)
ZenNet Wireless Lighting Controls
Part Number
Description
TWR-PI-W
White 2 button Fixture Control Module
Agency Compliance
UL/CUL
UL244A, UL1472
CSA
22.2 No. 184
FCC
SZV-STM300U
IC
5713A-STM300U
ZenNet Plug-In Relay Module provides simple wireless solution for
lighting control through any standard outlet. The module uses ultra
low power radio frequency technology to communicate wirelessly.
Simply plug the module into any standard outlet and then plug the
lamp into the receptacle on the opposite end. Link the module to a
ZenNet switch or occupancy sensor for convenient wireless control.
• Provides switching of plug-in electrical loads
• Plugs into any standard outlet, no wiring required
• Two molded buttons with LED indicator lights can be used to
configure or manually control the device.
• Easily links with wireless rocker pads or sensors
Dimensions (Nom.)
104mm
4.09”
47mm
1.85”
30mm
1.18”
1’ Cord to
Receptacle End
3’ Cord to Plug End
Set (I) Button
Menu (O) Button
Rev 7-8-15


Similar Part No. - TWR-PI

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-PROTO FREESCALE-TWR-PROTO Datasheet
167Kb / 2P
Quick Start Guide for TWR-PROTO TOWER SYSTEM
TWR-PROTO FREESCALE-TWR-PROTO Datasheet
85Kb / 3P
Freescale - TWR-S08LL64-KIT - Development Kit
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
More results

Similar Description - TWR-PI

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-812 KYL-KYL-812 Datasheet
303Kb / 6P
KYL-812 wireless ON-OFF input and output module user manual
logo
CW Industries
GRS-2013C-1300 CWIND-GRS-2013C-1300 Datasheet
61Kb / 1P
ROCKER SWITCH - CENTER OFF POP IN MOM./OFF/ON
logo
SHENZHEN KYL COMMUNICAT...
KYL-812 KYL-KYL-812_1 Datasheet
70Kb / 5P
wireless ON-OFF input and output module
logo
List of Unclassifed Man...
TWO-CL ETC2-TWO-CL Datasheet
373Kb / 2P
ZenNet Self-powered Wireless Ceiling-mount Sensor
TWO-WL ETC2-TWO-WL Datasheet
443Kb / 2P
ZenNet Self-powered Wireless Wall-mount Sensor
TWR-D10 ETC2-TWR-D10 Datasheet
372Kb / 2P
ZenNet Wireless LED Lighting Dimmable In-line Relay Module
TWR-HW ETC2-TWR-HW Datasheet
361Kb / 2P
ZenNet Wireless Lighting On/Off In-line Relay Module
TWS-DR-W ETC2-TWS-DR-W Datasheet
299Kb / 2P
ZenNet Self-powered Wireless Wall Switches
logo
SHANGHAI BELLING CO., L...
BL2557 BELLING-BL2557 Datasheet
501Kb / 2P
ON/OFF Switch
logo
Silicon Laboratories
MGM210L SILABS-MGM210L Datasheet
3Mb / 45P
MGM210L Wireless Gecko Multi-Protocol Lighting Module
Rev. 1.2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com