Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLED40W-012 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VLED40W-012
Description  LED Drivers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VLED40W-012 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VLED40W-012 Datasheet HTML 1Page - List of Unclassifed Manufacturers VLED40W-012 Datasheet HTML 2Page - List of Unclassifed Manufacturers VLED40W-012 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 3
SSL Solutions Faster Than The Speed Of Light®
Derating Curve
100
80
60
40
20
0
Ambient Temperature (°C)
120Vac
277Vac
-20 -10
0
10
20
30
40
50
60
70
Dimensions - mm
OUTPUT
Red (+)
Black (-)
INPUT
White (N)
Black (L)
WIRE SPECS:
AC Input: #18AWG
DC Output: #18AWG
2.76 [70.0]
10.63±0.79 [270±20]
0.39 [10.0]
0.14 [3.6]
0.2 [5.0]
1.18 [30.0]
1.18 [30.0]
1.26 [32.0]
30
Case Temperature (°C)
Lifetime / Case Temperature
0
15
30
45
60
75
90
105
120
135
40
50
60
70
80
35
45
55
65
75
85 90
Safety and EMC Compliance
UL/CUL
UL8750, UL1012, UL1310 Class 2, CSA-C22.2 NO. 223-M91 Class 2
C E
EN61347-1, EN61347-2-13
FCC Part 15 Class B ANSI C63.4: 2009
EN55015
Conducted emission Test & Radiated emission Test
EN61000-3-2
Harmonic current emissions
EN61000-3-3
Voltage fluctuations & flicker
EN61000-4-2
Electrostatic Discharge (ESD): 4kV contact discharge, 8kV air discharge
EN61000-4-3
Radio-Frequency Electromagnetic Field Susceptibility Test-RS
EN61000-4-4
Electrical Fast Transient / Burst-EFT: Level 3, Criteria A
EN61000-4-5
Surge Immunity Test: AC Power Line: line to line 2 kV
EN61000-4-6
Conducted Radio Frequency Disturbances Test-CS
EN61000-4-8
Power Frequency Magnetic Field Test
EN61000-4-11
Voltage Dips
EN61547
Electromagnetic Immunity Requirements Applies To Lighting Equipment
VLED40W CV Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com