Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLED40W-024 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VLED40W-024
Description  LED Drivers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VLED40W-024 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VLED40W-024 Datasheet HTML 1Page - List of Unclassifed Manufacturers VLED40W-024 Datasheet HTML 2Page - List of Unclassifed Manufacturers VLED40W-024 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
VLED-40W Series
LED Drivers
Constant Voltage
Plastic Housing
Constant Voltage - Product Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max. Output
Power (W)
Typical
Efficiency
VLED40W-012
12
0-3500
42 W
84%
VLED40W-024
24
0-1750
42 W
86%
VLED40W-036
36
0-1160
42 W
87%
VLED40W-048
48
0-875
42 W
89%
Class 2:
US/Canada
US Only
E332160
Sign Components Manual
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
Inrush Current:
70 Amps max @ 220 Vac, cold start 25ºC
Input AC Current:
0.6 A max 100Vac, 0.3 A max 220Vac
Maximum Power:
42W
THD:
<_ 20% @ full load
Line Regulation:
± 2%
Load Regulation:
± 3%
Leakage Current:
0.75 mA max @ 277Vac 60Hz
Turn-on Delay:
0.6S @ 110Vac, 0.3S @ 220Vac Typical
Output Ripple:
50%, related to the Voltage-Current Curve of the LED
No-load Power Dissipation: 6W
Protection:
Over-Current, Over-Temperature (110º) and
Short Circuit Protection with self-recovery
Environmental Specifications
Minimum Starting Temp: -40ºC
Maximum Case Temp.
90°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 100%
Cooling:
Convection
MTBF:
327,000 Hours @ 120Vac, 80% load and 25ºC ambient
conditions per MIL-HDBK-217F
Lifetime:
116,000 Hours @ 120Vac, 80% load and 60ºC ambient
EMC:
FCC 47CFR Part 15 Class B compliant
Weight:
350 g
• Total Power: 40 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP66
• High Power Factor with Active Correction
• Output Protection & Lightning Protection
• UL8750 and EN61347
Rev 8-25-15


Similar Part No. - VLED40W-024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VLED40W-024-C1750-XX ETC2-VLED40W-024-C1750-XX Datasheet
722Kb / 4P
Dimmable LED Drivers
More results

Similar Description - VLED40W-024

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
LC5200 ALLEGRO-LC5200 Datasheet
601Kb / 15P
LED Drivers
logo
STMicroelectronics
M5450 STMICROELECTRONICS-M5450_04 Datasheet
260Kb / 12P
LED DISPLAY DRIVERS
14-Mar-2004
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
LED Drivers
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
Atmel LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
LED Drivers
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
Dimmable LED Drivers
logo
XP Power Limited
DLE25 XPPOWER-DLE25 Datasheet
482Kb / 5P
LED Drivers
DLE45 XPPOWER-DLE45 Datasheet
266Kb / 5P
LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
WHITE LED DRIVERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com