Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLED40W-036 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VLED40W-036
Description  LED Drivers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VLED40W-036 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VLED40W-036 Datasheet HTML 1Page - List of Unclassifed Manufacturers VLED40W-036 Datasheet HTML 2Page - List of Unclassifed Manufacturers VLED40W-036 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 3 of 3
SSL Solutions Faster Than The Speed Of Light®
Efficiency / Output Current-12V
Efficiency / Output Current-24V
Efficiency / Output Current-36V
50%
Normalized Output Current
60%
70%
80%
90%
100%
Efficiency / Load
120Vac
220Vac
277Vac
50%
Normalized Output Current
74%
72%
70%
76%
78%
80%
82%
84%
86%
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
Efficiency / Output Current-48V
50%
Normalized Output Current
70%
75%
80%
85%
90%
95%
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
50%
Normalized Output Current
76%
74%
70%
72%
78%
80%
82%
84%
86%
88%
76%
74%
70%
72%
78%
80%
82%
84%
86%
88%
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
Power Factor / Output Current-12V
Power Factor / Output Current-24V
Power Factor / Output Current-36V
50%
Normalized Output Current
0.70
0.65
0.60
0.75
0.80
0.85
0.90
0.95
1.00
60%
70%
80%
90%
100%
Power Factor Characteristics
120Vac
220Vac
277Vac
50%
Normalized Output Current
0.70
0.65
0.60
0.75
0.80
0.85
0.90
0.95
1.00
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
Power Factor / Output Current-48V
50%
Normalized Output Current
0.70
0.65
0.60
0.75
0.80
0.85
0.90
0.95
1.00
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
50%
Normalized Output Current
0.70
0.65
0.60
0.75
0.80
0.85
0.90
0.95
1.00
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
VLED40W CV Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com