Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR8103VPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLR8103VPBF
Description  Simple Drive Requirements
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR8103VPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLR8103VPBF_15 Datasheet HTML 1Page - International Rectifier IRLR8103VPBF_15 Datasheet HTML 2Page - International Rectifier IRLR8103VPBF_15 Datasheet HTML 3Page - International Rectifier IRLR8103VPBF_15 Datasheet HTML 4Page - International Rectifier IRLR8103VPBF_15 Datasheet HTML 5Page - International Rectifier IRLR8103VPBF_15 Datasheet HTML 6Page - International Rectifier IRLR8103VPBF_15 Datasheet HTML 7Page - International Rectifier IRLR8103VPBF_15 Datasheet HTML 8Page - International Rectifier IRLR8103VPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DEVICE CHARACTERISTICS
…
12/0604
D-Pak
IRLR8103VPbF
www.irf.com
1
S
D
G
PD - 95093A
IRLR8103V
RDS(on)
7.9 m
QG
27 nC
QSW
12 nC
QOSS
29nC
Absolute Maximum Ratings
Symbol
Units
VDS
VGS
Continuous Drain or Source Current
TC = 25°C
(VGS > 10V)
TC= 90°C
IDM
TC = 25°C
TC = 90°C
TJ , TSTG
°C
IS
ISM
Thermal Resistance
Symbol
Typ.
Max.
Units
RθJA
–––
50
RθJC
–––
1.09
°C/W
A
V
A
ID
PD
W
IRLR8103V
91
363
30
±20
63
91
363
115
-55 to 150
60
Power Dissipation
eÃÃÃÃÃÃÃÃÃÃÃÃÃ
Parameter
Maximum Junction-to-Ambient
eh
Maximum Junction-to-Case
h
Junction & Storage Temperature Range
Continuous Source Current (Body Diode)
Pulsed Source Current
™
Parameter
Drain-Source Voltage
Gate-Source Voltage
Pulsed Drain Current
™
• N-Channel Application-Specific MOSFETs
• Ideal for CPU Core DC-DC Converters
• Low Conduction Losses
• Low Switching Losses
• Minimizes Parallel MOSFETs for high current
applications
• 100% R
G Tested
• Lead-Free
Description
This new device employs advanced HEXFET Power
MOSFET technology to achieve an unprecedented balance
of on-resistance and gate charge. The reduced conduction
and switching losses make it ideal for high efficiency DC-
DC converters that power the latest generation of
microprocessors.
The IRLR8103V has been optimized for all parameters
that are critical in synchronous buck converters including
R
DS(on), gate charge and Cdv/dt-induced turn-on immunity.
The IRLR8103V offers an extremely low combination of
Q
sw & RDS(on) for reduced losses in both control and
synchronous FET applications.
The package is designed for vapor phase, infra-red,
convection, or wave soldering techniques. Power
dissipation of greater than 2W is possible in a typical PCB
mount application.


Similar Part No. - IRLR8103VPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR8103VPBF IRF-IRLR8103VPBF Datasheet
205Kb / 8P
N-Channel Application-Specific MOSFETs
More results

Similar Description - IRLR8103VPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFAE30 IRF-IRFAE30_15 Datasheet
150Kb / 7P
Simple Drive Requirements
IRFE110 IRF-IRFE110_15 Datasheet
203Kb / 7P
Simple Drive Requirements
IRFE210 IRF-IRFE210_15 Datasheet
161Kb / 7P
Simple Drive Requirements
IRFE220 IRF-IRFE220_15 Datasheet
197Kb / 7P
Simple Drive Requirements
IRFE230 IRF-IRFE230_15 Datasheet
167Kb / 7P
Simple Drive Requirements
IRFE9220 IRF-IRFE9220_15 Datasheet
138Kb / 7P
Simple Drive Requirements
IRFF9210 IRF-IRFF9210_15 Datasheet
134Kb / 7P
Simple Drive Requirements
IRFM054 IRF-IRFM054_15 Datasheet
193Kb / 7P
Simple Drive Requirements
IRFM240 IRF-IRFM240_15 Datasheet
241Kb / 7P
Simple Drive Requirements
IRFM250 IRF-IRFM250_15 Datasheet
206Kb / 7P
Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com