Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLS3034 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLS3034
Description  Uninterruptible Power Supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLS3034 Datasheet(HTML) 1 Page - International Rectifier

  IRLS3034 Datasheet HTML 1Page - International Rectifier IRLS3034 Datasheet HTML 2Page - International Rectifier IRLS3034 Datasheet HTML 3Page - International Rectifier IRLS3034 Datasheet HTML 4Page - International Rectifier IRLS3034 Datasheet HTML 5Page - International Rectifier IRLS3034 Datasheet HTML 6Page - International Rectifier IRLS3034 Datasheet HTML 7Page - International Rectifier IRLS3034 Datasheet HTML 8Page - International Rectifier IRLS3034 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/12/09
www.irf.com
1
HEXFET® Power MOSFET
S
D
G
GD
S
Gate
Drain
Source
PD - 97362
IRLS3034-7PPbF
Applications
l DC Motor Drive
l High Efficiency Synchronous Rectification in SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
Benefits
l Optimized for Logic Level Drive
l Very Low RDS(ON) at 4.5V VGS
l Superior R*Q at 4.5V VGS
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
l Lead-Free
D2Pak 7 Pin
G
S
S
D
S
S
S
VDSS
40V
RDS(on) typ.
1.0mΩ
max.
1.4mΩ
ID (Silicon Limited)
380Ac
ID (Package Limited)
240A
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Wire Bond Limited)
IDM
Pulsed Drain Current
d
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery
f
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
e
mJ
IAR
Avalanche Current
d
A
EAR
Repetitive Avalanche Energy
d
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
kl
–––
0.40
°C/W
RθJA
Junction-to-Ambient
j
–––
40
Max.
380
c
270
c
1540
240
A
°C
300
-55 to + 175
± 20
2.5
250
See Fig. 14, 15, 22a, 22b
380
1.3


Similar Part No. - IRLS3034

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLS3034 IRF-IRLS3034 Datasheet
377Kb / 10P
High Efficiency Synchronous Rectification in SMPS
IRLS3034-7PPBF IRF-IRLS3034-7PPBF Datasheet
331Kb / 9P
HEXFET Power MOSFET
IRLS3034PBF IRF-IRLS3034PBF Datasheet
377Kb / 10P
HEXFET Power MOSFET
IRLS3034PBF IRF-IRLS3034PBF Datasheet
377Kb / 10P
High Efficiency Synchronous Rectification in SMPS
IRLS3034PBF IRF-IRLS3034PBF_15 Datasheet
377Kb / 10P
High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRLS3034

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SP1490 MURATA-PS-SP1490 Datasheet
67Kb / 1P
Telephony / CATV Uninterruptible Power Supply
SP1650 MURATA-PS-SP1650 Datasheet
84Kb / 1P
CATV Uninterruptible Power Supply
logo
IXYS Corporation
IXA37IF1200HJ IXYS-IXA37IF1200HJ Datasheet
150Kb / 6P
Uninterruptible power supply
logo
Fairchild Semiconductor
FDD10N20LZ FAIRCHILD-FDD10N20LZ Datasheet
615Kb / 8P
Uninterruptible Power Supply
FDD8N50NZ FAIRCHILD-FDD8N50NZ Datasheet
612Kb / 8P
Uninterruptible Power Supply
logo
Ultralife Corporation.
EL8000-UPS ULTRALIFE-EL8000-UPS Datasheet
3Mb / 2P
Uninterruptible Power Supply
Rev 3
logo
PHOENIX CONTACT
2905908 PHOENIX-2905908 Datasheet
116Kb / 9P
Uninterruptible power supply -TRIOUPS-
09/12/2020
2905909 PHOENIX-2905909 Datasheet
115Kb / 9P
Uninterruptible power supply -TRIOUPS-
09/12/2020
107563 PHOENIX-107563 Datasheet
925Kb / 34P
Uninterruptible power supply
2018-05-02
logo
Omron Electronics LLC
BY75SW OMRON-BY75SW Datasheet
2Mb / 70P
Uninterruptible Power Supply (UPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com