Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLS3813PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRLS3813PBF
Description  Brushed motor drive applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLS3813PBF Datasheet(HTML) 2 Page - International Rectifier

  IRLS3813PBF Datasheet HTML 1Page - International Rectifier IRLS3813PBF Datasheet HTML 2Page - International Rectifier IRLS3813PBF Datasheet HTML 3Page - International Rectifier IRLS3813PBF Datasheet HTML 4Page - International Rectifier IRLS3813PBF Datasheet HTML 5Page - International Rectifier IRLS3813PBF Datasheet HTML 6Page - International Rectifier IRLS3813PBF Datasheet HTML 7Page - International Rectifier IRLS3813PBF Datasheet HTML 8Page - International Rectifier IRLS3813PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
January 23, 2014
 
IRLS3813PbF
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
23
––– mV/°C Reference to 25°C, ID = 1mA 
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.60
1.95
m
 VGS = 10V, ID = 148A 
VGS(th)
Gate Threshold Voltage
1.35
–––
2.35
V
VDS = VGS, ID = 150µA
IDSS
Drain-to-Source Leakage Current
–––
–––
1
µA
VDS =30V, VGS = 0V
–––
–––
100
VDS =30V,VGS = 0V,TJ =125°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
RG
Gate Resistance
–––
0.9
–––

Notes:

Calculated continuous current based on maximum allowable junction temperature. Bond wire current limit is 160A by source
bonding technology. Note that current limitations arising from heating of the device leads may occur with some lead mounting
arrangements. (Refer to AN-1140)

Repetitive rating; pulse width limited by max. junction temperature.
Limited by TJmax, starting TJ = 25°C, L = 16µH, RG = 50, IAS = 148A, VGS =10V.

ISD  148A, di/dt  865A/µs, VDD  V(BR)DSS, TJ 150°C.

Pulse width
 400µs; duty cycle  2%.
Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff. (ER) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 to 80% VDSS.
Ris measured at TJ approximately 90°C.

When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques refer to
application note #AN-994: http://www.irf.com/technical-info/appnotes/an-994.pdf
Pulse drain current is limited at 640A by source bonding technology.
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
gfs
Forward Transconductance
428
–––
–––
S
VDS = 10V, ID =148A
Qg
Total Gate Charge
–––
55
83
nC  
ID = 148A
Qgs
Gate-to-Source Charge
–––
28
–––
VDS = 15V
Qgd
Gate-to-Drain Charge
–––
11
–––
VGS = 4.5V
td(on)
Turn-On Delay Time
–––
32
–––
ns
VDD = 20V
tr
Rise Time
–––
202
–––
ID = 148A
td(off)
Turn-Off Delay Time
–––
33
–––
RG= 4.5
tf
Fall Time
–––
102
–––
VGS = 4.5V
Ciss
Input Capacitance
–––
8020
–––
pF  
VGS = 0V
Coss
Output Capacitance
–––
1250
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
570
–––
ƒ = 1.0MHz
Coss eff.(ER)
Effective Output Capacitance (Energy Related)
–––
1560
–––
VGS = 0V, VDS = 0V to 24V
Coss eff.(TR)
Output Capacitance (Time Related)
–––
1750
–––
VGS = 0V, VDS = 0V to 24V
Diode Characteristics  
Parameter
Min.
Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
––– 247
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
––– 850
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ= 25°C,IS = 148A,VGS = 0V 
dv/dt
Peak Diode Recovery dv/dt
–––
2.2
–––
V/ns TJ = 150°C,IS =148A,VDS = 30V
trr
Reverse Recovery Time
–––
32
–––
ns
TJ = 25°C
VDD = 26V
–––
33
–––
TJ = 125°C
IF = 148A,
Qrr
Reverse Recovery Charge
–––
24
–––
nC
TJ = 25°C
di/dt = 100A/µs 
–––
26
–––
TJ = 125°C
 
IRRM
Reverse Recovery Current
–––
1.2
–––
A
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com