Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCF171 Datasheet(PDF) 13 Page - International Rectifier

Part # IRMCF171
Description  High Performance Sensorless Motor Control IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF171 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRMCF171 Datasheet HTML 9Page - International Rectifier IRMCF171 Datasheet HTML 10Page - International Rectifier IRMCF171 Datasheet HTML 11Page - International Rectifier IRMCF171 Datasheet HTML 12Page - International Rectifier IRMCF171 Datasheet HTML 13Page - International Rectifier IRMCF171 Datasheet HTML 14Page - International Rectifier IRMCF171 Datasheet HTML 15Page - International Rectifier IRMCF171 Datasheet HTML 16Page - International Rectifier IRMCF171 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
IRMCF171
13
www.irf.com
© 2013 International Rectifier
April 20, 2013
5 DC Characteristics
5.1 Absolute Maximum Ratings
Symbol
Parameter
Min
Typ
Max
Condition
VDD1
Supply Voltage
-0.3 V
-
3.6 V
Respect to VSS
VIA
Analog Input Voltage
-0.3 V
-
1.98 V
Respect to AVSS
VID
Digital Input Voltage
-0.3 V
-
6.0 V
Respect to VSS
TA
Ambient Temperature
-40 ˚C
-
85 ˚C
TS
Storage Temperature
-65 ˚C
-
150 ˚C
Table 1. Absolute Maximum Ratings
Caution: Stresses beyond those listed in “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only and function of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications are not implied.
5.2 System Clock Frequency and Power Consumption
CAREF = 1nF, CMEXT= 100nF. VDD1=3.3V, Unless specified, Ta = 25˚C.
Symbol
Parameter
Min
Typ
Max
Unit
SYSCLK
System Clock
32
-
120
MHz
PD
Power consumption
100
1)
-
mW
Table 2. System Clock Frequency
Note 1) The value is based on the condition of MCE clock=120MHz, 8051 clock 30MHz with a actual motor
running by a typical MCE application program and 8051 code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com