Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCF343 Datasheet(PDF) 13 Page - International Rectifier

Part # IRMCF343
Description  Sensorless Motor Control IC for Appliances
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF343 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRMCF343 Datasheet HTML 9Page - International Rectifier IRMCF343 Datasheet HTML 10Page - International Rectifier IRMCF343 Datasheet HTML 11Page - International Rectifier IRMCF343 Datasheet HTML 12Page - International Rectifier IRMCF343 Datasheet HTML 13Page - International Rectifier IRMCF343 Datasheet HTML 14Page - International Rectifier IRMCF343 Datasheet HTML 15Page - International Rectifier IRMCF343 Datasheet HTML 16Page - International Rectifier IRMCF343 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
IRMCF343
13
6 DC Characteristics
6.1
Absolute Maximum Ratings
Symbol
Parameter
Min
Typ
Max
Condition
VDD1
Supply Voltage
-0.3 V
-
3.6 V
Respect to VSS
VDD2
Supply Voltage
-0.3 V
-
1.98 V
Respect to VSS
VIA
Analog Input Voltage
-0.3 V
-
1.98 V
Respect to AVSS
VID
Digital Input Voltage
-0.3 V
-
3.65 V
Respect to VSS
TA
Ambient Temperature
-40 ˚C
-
85 ˚C
TS
Storage Temperature
-65 ˚C
-
150 ˚C
Table 1.
Absolute Maximum Ratings
Caution:
Stresses beyond those listed in “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only and function of the device at these or any
other conditions beyond those indicated in the operational sections of the specifications are not
implied.
6.2
System Clock Frequency and Power Consumption
Symbol
Parameter
Min
Typ
Max
Unit
SYSCLK
System Clock
32
-
128
MHz
Table 2.
System Clock Frequency
Figure 6.
Clock Frequency vs. Power Consumption
0
40
80
120
160
200
240
0
50
100
150
Clock Frequency (MHz)
VDD2 (1.8V)
VDD1 (3.3V)
Total



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com