Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S93C86B Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S93C86B
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S93C86B Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S93C86B Datasheet HTML 17Page - Seiko Instruments Inc S93C86B Datasheet HTML 18Page - Seiko Instruments Inc S93C86B Datasheet HTML 19Page - Seiko Instruments Inc S93C86B Datasheet HTML 20Page - Seiko Instruments Inc S93C86B Datasheet HTML 21Page - Seiko Instruments Inc S93C86B Datasheet HTML 22Page - Seiko Instruments Inc S93C86B Datasheet HTML 23Page - Seiko Instruments Inc S93C86B Datasheet HTML 24Page - Seiko Instruments Inc S93C86B Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 3-WIRE SERIAL E
2PROM
Rev.2.1_00
S-93C86B H Series
Seiko Instruments Inc.
21
Product Name Structure
1. Product name
S-93C86B D4 H - xxxx U
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Package name (abbreviation) and IC packing specifications
J8T2: 8-Pin SOP (JEDEC), Tape
T8T2: 8-Pin TSSOP, Tape
Operation temperature
H:
−40 to +105°C
Fixed
Product name
S-93C86B: 16 K-bit
Remark Please contact our sales office for products with product name structure other than those specified above.
2. Package
Package name
Drawing code
Package
Tape
Reel
8-Pin SOP (JEDEC)
FJ008-A-P-SD
FJ008-D-C-SD
FJ008-D-R-SD
8-Pin TSSOP
FT008-A-P-SD
FT008-E-C-SD
FT008-E-R-SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com