Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1003 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S1003
Description  MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1003 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S1003 Datasheet HTML 17Page - Seiko Instruments Inc S1003 Datasheet HTML 18Page - Seiko Instruments Inc S1003 Datasheet HTML 19Page - Seiko Instruments Inc S1003 Datasheet HTML 20Page - Seiko Instruments Inc S1003 Datasheet HTML 21Page - Seiko Instruments Inc S1003 Datasheet HTML 22Page - Seiko Instruments Inc S1003 Datasheet HTML 23Page - Seiko Instruments Inc S1003 Datasheet HTML 24Page - Seiko Instruments Inc S1003 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_00
S-1003 Series
Seiko Instruments Inc.
21
4. Other characteristics
4. 1 Temperature characteristics of detection voltage
The shaded area in Figure 26 shows the temperature characteristics of detection voltage in the operation
temperature range.
−40
+25
+0.945 mV/°C
−VDET [V]
+85
Ta [°C]
−0.945 mV/°C
−VDET25
*1
*1.
−VDET25 is an actual detection voltage value at Ta = +25°C.
Figure 26 Temperature Characteristics of Detection Voltage (Example for
−VDET = 2.7 V)
4. 2 Temperature characteristics of release voltage
The temperature change Δ +
VDET
ΔTa
of the release voltage is calculated by using the temperature change
Δ − VDET
ΔTa
of the detection voltage as follows:
Δ + VDET
ΔTa
= +
VDET
−VDET ×
Δ − VDET
ΔTa
The temperature change of the release voltage and the detection voltage has the same sign consequently.
4. 3 Temperature characteristics of hysteresis voltage
The temperature change of the hysteresis voltage is expressed as Δ +
VDET
ΔTa
−
Δ − VDET
ΔTa
and is calculated as
follows:
Δ + VDET
ΔTa
−
Δ − VDET
ΔTa
=
VHYS
−VDET ×
Δ − VDET
ΔTa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com