Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5910ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5910ESA
Description  65V Simple Swapper Hot-Swap Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5910ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5910ESA Datasheet HTML 1Page - Maxim Integrated Products MAX5910ESA Datasheet HTML 2Page - Maxim Integrated Products MAX5910ESA Datasheet HTML 3Page - Maxim Integrated Products MAX5910ESA Datasheet HTML 4Page - Maxim Integrated Products MAX5910ESA Datasheet HTML 5Page - Maxim Integrated Products MAX5910ESA Datasheet HTML 6Page - Maxim Integrated Products MAX5910ESA Datasheet HTML 7Page - Maxim Integrated Products MAX5910ESA Datasheet HTML 8Page - Maxim Integrated Products MAX5910ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
+65V Simple Swapper Hot-Swap Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +42V, GND = 0, UVLO = open circuit, VENABLE = +3.3V, and TA = -40°C to +85°C, unless otherwise noted. Typical values are
at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VIN, VOUT to GND................................................-0.3V to +70.0V
ENABLE to GND..................................................-0.3V to +12.0V
PGOOD, IFAULT to GND ....................................-0.3V to +12.0V
UVLO to GND ..............................................-0.3V to (VIN + 0.3V)
PGOOD, IFAULT Sink Current ............................................10mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C)..................470mW
16-Pin SO (derate 12.9mW/°C above +70°C)............1039mW
Operating Temperature Range ...........................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering 10s) ..................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
10
65
V
Supply Current
IIN
VIN = 10V to 65V (Note 1)
1.2
2.5
mA
MAX5910
250
280
310
MAX5917A
510
567
623
Output Current Limit
ILIM
VOUT = VIN - 5V,
VIN = 10V to 65V
MAX5917B
370
420
470
mA
MAX5910
240
MAX5917A
400
Continuous Operating Output
Current
IOUT
(Note 2)
MAX5917B
350
mA
DMOS On-Resistance
RDS(ON)
VIN = 10V to 65V,
MAX5910, IOUT = 200mA
MAX5917A, IOUT = 400mA
MAX5917B, IOUT = 300mA
2.2
4
Ω
ENABLE Voltage Logic Low
VLOW
0.8
V
ENABLE Voltage Logic High
VHIGH
2.4
V
ENABLE High Input Current
IIH
VENABLE = +5V
1
µA
IFAULT Output Leakage Current
IOH
IFAULT = 10V, IOH > (IFTH + IFHYS)1
µA
PGOOD Output Leakage
Current
ILPGOOD
PGOOD = 10V, VOUT > VPG
1
µA
VIN to VOUT Leakage Current
ILIN/OUT
ENABLE = 0, VIN = +65V
1
µA
PGOOD/
IFAULT Output Logic
Low
VOL
Sink current = 3mA
0.4
V
PGOOD Threshold
VPG
Percentage of VIN, VOUT rising
71
78
85
%
PGOOD Hysteresis
PGHYS
Percentage of VIN
10
%
MAX5910
2
12
25
MAX5917A
2
6
10
Zero-Current Detection
Threshold
IFTH
Decreasing output
current
MAX5917B
2
12
25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com