Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5841 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S5841
Description  TEMPERATURE SWITCH IC (THERMOSTAT IC)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5841 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S5841 Datasheet HTML 9Page - Seiko Instruments Inc S5841 Datasheet HTML 10Page - Seiko Instruments Inc S5841 Datasheet HTML 11Page - Seiko Instruments Inc S5841 Datasheet HTML 12Page - Seiko Instruments Inc S5841 Datasheet HTML 13Page - Seiko Instruments Inc S5841 Datasheet HTML 14Page - Seiko Instruments Inc S5841 Datasheet HTML 15Page - Seiko Instruments Inc S5841 Datasheet HTML 16Page - Seiko Instruments Inc S5841 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TEMPERATURE SWITCH IC (THERMOSTAT IC)
Rev.2.2_00
S-5841 Series
Seiko Instruments Inc.
13
Operation
1. Basic operation
The S-5841 Series is a temperature switch IC (thermostat IC) which detects a certain temperature and sends a signal to
an external device. Various combinations of the parameters such as the detection temperature, output form and output
logic can be selected.
Following is about the operation when the DET pin output logic is active "H".
After applying the power supply, the S-5841 Series starts to detect the temperature. If it is lower than the detection
temperature (
+TD), the DET pin output keeps "L". The temperature rises and exceeds the detection temperature, the
DET pin is set to "H".
After the detection, the temperature drops and reaches the release temperature (
+TD − THYS), the DET pin returns to "L".
Figure 8 is the timing chart.
L
DET pin output
Ambient temperature (Ta)
H
Detection temperature (
TD)
Hysteresis temperature
(THYS)
Figure 8 Operation when DET Pin Output Logic is Active "H"
2. Hysteresis setting
2. 1 SOT-23-5
The hysteresis temperature can be set by the HYS1 pin. By option, the hysteresis temperature of the product is
selectable in 2
°C and 10°C / 4°C and 10°C.
Table 12 Hysteresis Option A
Setting Pin
Hysteresis Temperature
HYS1
"H"
2
°C
"L"
10
°C
Table 13 Hysteresis Option B
Setting Pin
Hysteresis Temperature
HYS1
"H"
4
°C
"L"
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com