Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5842A Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S5842A
Description  DUAL TRIP TEMPERATURE SWITCH IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5842A Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S5842A Datasheet HTML 17Page - Seiko Instruments Inc S5842A Datasheet HTML 18Page - Seiko Instruments Inc S5842A Datasheet HTML 19Page - Seiko Instruments Inc S5842A Datasheet HTML 20Page - Seiko Instruments Inc S5842A Datasheet HTML 21Page - Seiko Instruments Inc S5842A Datasheet HTML 22Page - Seiko Instruments Inc S5842A Datasheet HTML 23Page - Seiko Instruments Inc S5842A Datasheet HTML 24Page - Seiko Instruments Inc S5842A Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
DUAL TRIP TEMPERATURE SWITCH IC IC (THERMOSTAT IC)
Rev.2.3_00
S-5842A Series
Seiko Instruments Inc.
21
7. Accuracy of detection temperature
High accuracy detection voltage: TDH
TDH =
+110°C, TDL = +45°C
Measured data on one wafer picked up
7. 1 Accuracy of detection temperature at TDH =
+110°C (Higher accuracy)
70
0
2.5
2.5
2.0
1.0
0.0
1.0
2.0
10
30
40
20
50
60
Deviation in detection temperature [
C]
7. 2 Accuracy of detection temperature at TDL =
+45°C
70
0
2.5
2.5
2.0
1.0
0.0
1.0
2.0
10
30
40
20
50
60
Deviation in detection temperature [
C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com