Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8211C Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S8211C
Description  High-accuracy voltage detection circuit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8211C Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S8211C Datasheet HTML 9Page - Seiko Instruments Inc S8211C Datasheet HTML 10Page - Seiko Instruments Inc S8211C Datasheet HTML 11Page - Seiko Instruments Inc S8211C Datasheet HTML 12Page - Seiko Instruments Inc S8211C Datasheet HTML 13Page - Seiko Instruments Inc S8211C Datasheet HTML 14Page - Seiko Instruments Inc S8211C Datasheet HTML 15Page - Seiko Instruments Inc S8211C Datasheet HTML 16Page - Seiko Instruments Inc S8211C Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_00
S-8211C Series
Seiko Instruments Inc.
13
3. 3 S-8211CAD, S-8211CCW
Table 13
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Condition
Test
Circuit
Delay Time (Ta =
+25°C)
Overcharge detection delay time
tCU
−
115
143
172
ms
9
5
Overdischarge detection delay time
tDL
−
30
38
46
ms
9
5
Discharge overcurrent detection delay time
tDIOV
−
14.5
18
22
ms
10
5
Load short-circuiting detection delay time
tSHORT
−
240
300
360
μs
10
5
Charge overcurrent detection delay time
tCIOV
−
7.2
9
11
ms
10
5
Delay Time (Ta =
−40°C to +85°C)
P
*1
Overcharge detection delay time
tCU
−
82
143
240
ms
9
5
Overdischarge detection delay time
tDL
−
20
38
65
ms
9
5
Discharge overcurrent detection delay time
tDIOV
−
10
18
30
ms
10
5
Load short-circuiting detection delay time
tSHORT
−
150
300
540
μs
10
5
Charge overcurrent detection delay time
tCIOV
−
5
9
15
ms
10
5
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed
by design, not tested in production.
3. 4 S-8211CAE, S-8211CAT, S-8211CAX, S-8211CBR, S-8211CBV, S-8211CBZ, S-8211CCM, S-8211CCY,
S-8211CCZ
Table 14
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Condition
Test
Circuit
Delay Time (Ta =
+25°C)
Overcharge detection delay time
tCU
−
0.96
1.2
1.4
s
9
5
Overdischarge detection delay time
tDL
−
120
150
180
ms
9
5
Discharge overcurrent detection delay time
tDIOV
−
14.5
18
22
ms
10
5
Load short-circuiting detection delay time
tSHORT
−
240
300
360
μs
10
5
Charge overcurrent detection delay time
tCIOV
−
7.2
9
11
ms
10
5
Delay Time (Ta =
−40°C to +85°C)
P
*1
Overcharge detection delay time
tCU
−
0.7
1.2
2.0
s
9
5
Overdischarge detection delay time
tDL
−
83
150
255
ms
9
5
Discharge overcurrent detection delay time
tDIOV
−
10
18
30
ms
10
5
Load short-circuiting detection delay time
tSHORT
−
150
300
540
μs
10
5
Charge overcurrent detection delay time
tCIOV
−
5
9
15
ms
10
5
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed
by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com